Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38501-ADJ Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP38501-ADJ
Description  3A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38501-ADJ Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP38501-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Pin Descriptions for TO-263 (TS) and TO-263 THIN (TJ) Packages
Pin #
Designation
Function
1
EN
Enable (LP38501 only). Pull high to enable the output, low to disable the output. This pin has
no internal bias and must be either tied to the input voltage, or actively driven.
N/C
In the LP38503, this pin has no internal connections. It can be left floating or used for trace
routing.
2
IN
Input Supply Pin
3
GND
Ground
4
OUT
Regulated Output Voltage Pin
5
ADJ
Sets output voltage
DAP
DAP
The DAP is used as a thermal connection to remove heat from the device to the circuit board
copper clad area which acts as the heatsink. The DAP is electrically connected to the
backside of the die. The DAP must be connected to ground potential, but can not be used as
the only ground connection.
Ordering Information
TABLE 1. Package Marking and Ordering Information
Output
Voltage
Order Number
Package Type
Package Marking
Supplied As:
ADJ
LP38501TSX-ADJ
TO-263
LP38501TS-ADJ
Tape and Reel of 500 Units
LP38501TS-ADJ
LP38501TS-ADJ
Rail of 45 Units
LP38503TSX-ADJ
LP38503TS-ADJ
Tape and Reel of 500 Units
LP38503TS-ADJ
LP38503TS-ADJ
Rail of 45 Units
ADJ
LP38501TJ-ADJ
TO-263 THIN
LP38501TJ-ADJ
Tape and Reel of 1000 Units
LP38503TJ-ADJ
LP38503TJ-ADJ
Tape and Reel of 1000 Units
LP38501ATJ-ADJ
LP38501ATJ-AD
Tape and Reel of 1000 Units
LP38503ATJ-ADJ
LP38503ATJ-AD
Tape and Reel of 1000 Units
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com