Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38501-ADJ Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP38501-ADJ
Description  3A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38501-ADJ Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LP38501-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 10Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 11Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 12Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 13Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 14Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 15Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
should be isolated from "clean" circuits where possible, and
grounded through a separate path. At MHz frequencies,
ground planes begin to look inductive and RFI/EMI can cause
ground bounce across the ground plane. In multi-layer PC
Board applications, care should be taken in layout so that
noisy power and ground planes do not radiate directly into
adjacent layers which carry analog power and ground.
OUTPUT NOISE
Noise is specified in two ways-
Spot Noise or Output noise density is the RMS sum of all
noise sources, measured at the regulator output, at a specific
frequency (measured with a 1Hz bandwidth). This type of
noise is usually plotted on a curve as a function of frequency.
Total output noise voltage or Broadband noise is the RMS
sum of spot noise over a specified bandwidth, usually several
decades of frequencies. Attention should be paid to the units
of measurement.
Spot noise is measured in units µV/
√Hz or nV/√Hz and total
output noise is measured in µV(rms). The primary source of
noise in low-dropout regulators is the internal reference. In
CMOS regulators, noise has a low frequency component and
a high frequency component, which depend strongly on the
silicon area and quiescent current.
Noise can generally be reduced in two ways: increase the
transistor area or increase the reference current. However,
enlarging the transisitors will increase die size, and increasing
the reference current means higher total supply current
(ground pin current).
SHORT-CIRCUIT PROTECTION
The LP38501/3-ADJ contains internal current limiting which
will reduce output current to a safe value if the output is over-
loaded or shorted. Depending upon the value of V
IN, thermal
limiting may also become active as the average power dissi-
pated causes the die temperature to increase to the limit value
(about 170°C). The hysteresis of the thermal shutdown cir-
cuitry can result in a “cyclic” behavior on the output as the die
temperature heats and cools.
ENABLE OPERATION (LP38501-ADJ Only)
The Enable pin (EN) must be actively terminated by either a
10 k
Ω pull-up resistor to V
IN, or a driver which actively pulls
high and low (such as a CMOS rail to rail comparator). If active
drive is used, the pull-up resistor is not required. This pin must
be tied to V
IN if not used (it must not be left floating).
DROPOUT VOLTAGE
The dropout voltage of a regulator is defined as the input-to-
output differential required by the regulator to keep the output
voltage within 2% of the nominal value. For CMOS LDOs, the
dropout voltage is the product of the load current and the
R
DS(on) of the internal MOSFET pass element.
Since the output voltage is beginning to “drop out” of regula-
tion when it drops by 2%, electrical performance of the device
will be reduced compared to the values listed in the Electrical
Characteristics table for some parameters (line and load reg-
ulation and PSRR would be affected).
REVERSE CURRENT PATH
The internal MOSFET pass element in the LP38501/3-ADJ
has an inherent parasitic diode. During normal operation, the
input voltage is higher than the output voltage and the para-
sitic diode is reverse biased. However, if the output is pulled
above the input in an application, then current flows from the
output to the input as the parasitic diode gets forward biased.
The output can be pulled above the input as long as the cur-
rent in the parasitic diode is limited to 200 mA continuous and
1A peak. The regulator output pin should not be taken below
ground potential. If the LP38501/3-ADJ is used in a dual-sup-
ply system where the regulator load is returned to a negative
supply, the output must be diode-clamped to ground.
POWER DISSIPATION/HEATSINKING
The maximum power dissipation (P
D(MAX)) of the LP38501/3-
ADJ is limited by the maximum junction temperature of
125°C, along with the maximum ambient temperature (T
A
(MAX)) of the application, and the thermal resistance (θJA) of
the package. Under all possible conditions, the junction tem-
perature (T
J) must be within the range specified in the Oper-
ating Ratings. The total power dissipation of the device is
given by:
P
D = ( (VIN − VOUT) x IOUT) + (VIN x IGND)
(1)
where I
GND is the operating ground current of the device
(specified under Electrical Characteristics).
The maximum allowable junction temperature rise (
ΔT
J) de-
pends on the maximum expected ambient temperature
(T
A(MAX)) of the application, and the maximum allowable junc-
tion temperature (T
J(MAX)):
ΔT
J = TJ(MAX)− TA(MAX)
(2)
The maximum allowable value for junction to ambient Ther-
mal Resistance,
θ
JA, can be calculated using the formula:
θ
JA = ΔTJ / PD(MAX)
(3)
The LP38501/3-ADJ is available in the TO-263 package. The
thermal resistance depends on the amount of copper area
allocated to heat transfer.
HEATSINKING TO-263, TO-263 THIN PACKAGES
The TO-263 package and TO-263 THIN package use the
copper plane on the PCB as a heatsink. The DAP of the pack-
age is soldered to the copper plane for heat sinking. Figure
12 shows a typical curve for the
θ
JA of the TO-263 package
for different copper area sizes (the thermal performance of
both the TO-263 and TO-263 THIN are the same). The tests
were done using a PCB with 1 ounce copper on top side only
which were square in shape.
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com