Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38501-ADJ Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP38501-ADJ
Description  3A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38501-ADJ Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP38501-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 10Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 11Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 12Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 13Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 14Page - National Semiconductor (TI) LP38501-ADJ Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
30028135
FIGURE 6. Rising Edge, 10 µF Ceramic, 75A/µs di/dt
It can be seen from the figure that the output voltage starts
“correcting” back upwards after less than a micro second, and
has fully reversed direction after about 1.2 µs. This very rapid
reaction is a result of the maximum loop bandwidth (full load
is being delivered) and the feedforward effect kicking on the
drive to the FET before feedback gets fully around the loop.
In cases where extremely fast load changes occur, and output
voltage regulation better than 10% is required, the output ca-
pacitance must be increased. When selecting capacitors, it
must be understood that the better performing ones usually
cost the most. For fast changing loads, the internal parasitics
of ESR (equivalent series resistance) and ESL (equivalent
series inductance) degrade the capacitor’s ability to source
current quickly to the load. The best capacitor types for tran-
sient performance are (in order):
1.
Multilayer Ceramic: with the lowest values of ESR and
ESL, they can have ESR values in the range of a few milli
Ohms. Disadvantage: capacitance values above about
22 µF significantly increase in cost.
2.
Low-ESR Aluminum Electrolytics: these are aluminum
types (like OSCON) with a special electrolyte which
provides extremely low ESR values, and are the closest
to ceramic performance while still providing large
amounts of capacitance. These are cheaper (by
capacitance) than ceramic.
3.
Solid tantalum: can provide several hundred µF of
capacitance, transient performance is slightly worse than
OSCON type capacitors, cheaper than ceramic in large
values.
4.
General purpose aluminum electrolytics: cheap and
provide a lot of capacitance, but give the worst
performance.
As a first example, larger values of ceramic capacitance will
be tried to show how much reduction can be obtained from
the 200 mV output change (Figure 6) which was seen with
only a 10 µF ceramic output capacitor. In Figure 7, the 10 µF
output capacitor is increased to 22 µF. The 200 mV transient
is reduced to about 160 mV, which is from about 11% of
V
OUT down to about 9%.
30028137
FIGURE 7. 22 µF Ceramic Output Capacitor
In Figure 8, the output capacitance is increased to 47 µF ce-
ramic. It can be seen that the output transient is further
reduced down to about 120 mV, which is still about 6.6% of
the output voltage. This shows that a 5X increase in ceramic
capacitance from the original 10 µF only reduced the peak
voltage transient amplitude by about 40%.
30028138
FIGURE 8. 47 µF Ceramic Output Capacitor
In general, managing load transients is done by paralleling
ceramic capacitance with a larger bulk capacitance. In this
way, the ceramic can source current during the rapidly chang-
ing edge and the bulk capacitor can support the load current
after the first initial spike in current.
In the next test, the same 10 µF ceramic capacitor will be
paralleled with a general purpose (cheap) aluminum elec-
trolytic whose capacitance is 220 µF. As shown in Figure 9,
there is a small improvement over the 200 mV peak seen with
the 10 µF ceramic alone. By adding the 220 µF aluminum
capacitor, the peak is reduced to about 160 mV (the same
peak value as seen with a 22 µF ceramic capacitor alone).
11
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com