Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86PM49NG Datasheet(PDF) 95 Page - Toshiba Semiconductor

Part # TMP86PM49NG
Description  8 Bit Microcontroller
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86PM49NG Datasheet(HTML) 95 Page - Toshiba Semiconductor

Back Button TMP86PM49NG Datasheet HTML 91Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 92Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 93Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 94Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 95Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 96Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 97Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 98Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 99Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 262 page
background image
Page 79
TMP86PM49NG
Note 4: Auto-capture can be used only in the timer, event counter, and window modes.
Note 5: To set the timer registers, the following relationship must be satisfied.
TC1DRA > TC1DRB > 1 (PPG output mode), TC1DRA > 1 (other modes)
Note 6: Set TFF1 to “0” in the mode except PPG output mode.
Note 7: Set TC1DRB after setting TC1M to the PPG output mode.
Note 8: When the STOP mode is entered, the start control (TC1S) is cleared to “00” automatically, and the timer stops. After the
STOP mode is exited, set the TC1S to use the timer counter again.
Note 9: Use the auto-capture function in the operative condition of TC1. A captured value may not be fixed if it's read after the
execution of the timer stop or auto-capture disable. Read the capture value in a capture enabled condition.
Note 10:Since the up-counter value is captured into TC1DRB by the source clock of up-counter after setting TC1CR<ACAP1> to
"1". Therefore, to read the captured value, wait at least one cycle of the internal source clock before reading TC1DRB for
the first time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com