Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86PM49NG Datasheet(PDF) 98 Page - Toshiba Semiconductor

Part # TMP86PM49NG
Description  8 Bit Microcontroller
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86PM49NG Datasheet(HTML) 98 Page - Toshiba Semiconductor

Back Button TMP86PM49NG Datasheet HTML 94Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 95Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 96Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 97Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 98Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 99Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 100Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 101Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 102Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 262 page
background image
Page 82
8. 16-Bit TimerCounter 1 (TC1)
8.3 Function
TMP86PM49NG
8.3.2 External Trigger Timer Mode
In the external trigger timer mode, the up-counter starts counting by the input pulse triggering of the TC1
pin, and counts up at the edge of the internal clock. For the trigger edge used to start counting, either the rising
or falling edge is defined in TC1CR<TC1S>.
• When TC1CR<METT1> is set to “1” (trigger start and stop)
When a match between the up-counter and the TC1DRA value is detected after the timer starts, the
up-counter is cleared and halted and an INTTC1 interrupt request is generated.
If the edge opposite to trigger edge is detected before detecting a match between the up-counter
and the TC1DRA, the up-counter is cleared and halted without generating an interrupt request.
Therefore, this mode can be used to detect exceeding the specified pulse by interrupt.
After being halted, the up-counter restarts counting when the trigger edge is detected.
• When TC1CR<METT1> is set to “0” (trigger start)
When a match between the up-counter and the TC1DRA value is detected after the timer starts, the
up-counter is cleared and halted and an INTTC1 interrupt request is generated.
The edge opposite to the trigger edge has no effect in count up. The trigger edge for the next count-
ing is ignored if detecting it before detecting a match between the up-counter and the TC1DRA.
Since the TC1 pin input has the noise rejection, pulses of 4/fc [s] or less are rejected as noise. A pulse width
of 12/fc [s] or more is required to ensure edge detection. The rejection circuit is turned off in the SLOW1/2 or
SLEEP1/2 mode, but a pulse width of one machine cycle or more is required.
Example 1 :Generating an interrupt 1 ms after the rising edge of the input pulse to the TC1 pin
(fc =16 MHz)
LDW
(TC1DRA), 007DH
; 1ms
÷ 27/fc = 7DH
DI
; IMF
= “0”
SET
(EIRL). 5
; Enables INTTC1 interrupt
EI
; IMF
= “1”
LD
(TC1CR), 00000100B
; Selects the source clock and mode
LD
(TC1CR), 00100100B
; Starts TC1 external trigger, METT1
= 0
Example 2 :Generating an interrupt when the low-level pulse with 4 ms or more width is input to the TC1 pin
(fc =16 MHz)
LDW
(TC1DRA), 01F4H
; 4 ms
÷ 27/fc = 1F4H
DI
; IMF
= “0”
SET
(EIRL). 5
; Enables INTTC1 interrupt
EI
; IMF
= “1”
LD
(TC1CR), 00000100B
; Selects the source clock and mode
LD
(TC1CR), 01110100B
; Starts TC1 external trigger, METT1
= 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com