Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86PM49NG Datasheet(PDF) 23 Page - Toshiba Semiconductor

Part # TMP86PM49NG
Description  8 Bit Microcontroller
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86PM49NG Datasheet(HTML) 23 Page - Toshiba Semiconductor

Back Button TMP86PM49NG Datasheet HTML 19Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 20Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 21Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 22Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 23Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 24Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 25Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 26Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 27Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 262 page
background image
Page 7
TMP86PM49NG
P63
AIN3
31
IO
I
PORT63
Analog Input3
P62
AIN2
30
IO
I
PORT62
Analog Input2
P61
AIN1
29
IO
I
PORT61
Analog Input1
P60
AIN0
28
IO
I
PORT60
Analog Input0
P77
AIN15
43
IO
I
PORT77
Analog Input15
P76
AIN14
42
IO
I
PORT76
Analog Input14
P75
AIN13
41
IO
I
PORT75
Analog Input13
P74
AIN12
40
IO
I
PORT74
Analog Input12
P73
AIN11
39
IO
I
PORT73
Analog Input11
P72
AIN10
38
IO
I
PORT72
Analog Input10
P71
AIN9
37
IO
I
PORT71
Analog Input9
P70
AIN8
36
IO
I
PORT70
Analog Input8
XIN
10
I
Resonator connecting pins for high-frequency clock
XOUT
11
O
Resonator connecting pins for high-frequency clock
RESET
16
I
Reset signal
TEST
12
I
Test pin for out-going test. Normally, be fixed to low.
VAREF
26
I
Analog Base Voltage Input Pin for A/D Conversion
AVDD
27
I
Analog Power Supply
VDD
13
I
+5V
VSS
9
I
0(GND)
Table 1-1 Pin Names and Functions(3/3)
Pin Name
Pin Number
Input/Output
Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com