Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS64FG Datasheet(PDF) 45 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 45 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 41Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 42Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 43Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 44Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 45Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 46Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 47Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 48Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 49Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 252 page
background image
Page 33
TMP86FS64FG
2.2.4.4 SLOW Mode
The SLOW mode is controlled by the system control register 2 (SYSCR2).
(1) Switching the NORMAL2 mode to SLOW mode
Write 1 to SYSCR2<SYSCK> to switch the main system clock to the low-frequency clock. Clear
SYSCR2<XEN> to 0 to stop the high-frequency oscillator.
Note: The high-frequency clock oscillation can be continued to return quickly to the NORMAL2 mode.
To enter the STOP mode from the SLOW mode, the high-frequency clock must be stopped.
When the low-frequency clock oscillation is unstable, wait until the oscillation is stabilized before performing the above operation.
The TimerCounter (TC2) is convenient to check the low-frequency clock oscillation stability.)
Example 1 :Switching from the NORMAL2 mode to SLOW1 mode.
SET
(SYSCR2) . 5
: SYSCR2<SYSCK>¨1
: (switches the system clock to the low-frequency clock for the
SLOW2 mode.)
CLR
(SYSCR2) . 7
: SYSCR2<XEN>¨0(stops the high-frequency oscillation.)
Example 2 :Switching to the SLOW1 mode after checking the low-frequency clock oscillation stability with TC2
SET
(SYSCR2). 6
: SYSCR2<XTEN>¨1
: (starts low-frequency oscillation.)
LD
(TC2CR), 14H
: sets the mode for TC2.
LDW
(TC2DRL), 8000H
:sets the warm-up time.
: (determines the time depending on the resonator.)
DI
: IMF¨0
SET
(EIRH). 4
: enables the INTTC2.
EI
: IMF¨1
SET
(TC2CR). 5
: starts INTTC2.
¦
PINTTC2:
CLR
(TC2CR). 5
: stops INTTC2.
SET
(SYSCR2). 5
: SYSCR2<SYSCK>¨1
: (switches the system clock to the low-frequency clock.)
CLR
(SYSCR2). 7
: SYSCR2<XEN>¨0(stops the high-frequency clock.)
RETI
¦
VINTTC2:
DW
PINTTC2
: INTTC2 vector table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com