| Electronic Components Datasheet Search |
|
TMP86FS64FG Datasheet(PDF) 98 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS64FG Datasheet(HTML) 98 Page - Toshiba Semiconductor |
|
98 / 252 page ![]() Page 86 8. 16-Bit TimerCounter 1 (TC1) 8.2 TimerCounter Control TMP86FS64FG 8.2 TimerCounter Control The TimerCounter 1 is controlled by the TimerCounter 1 control register (TC1CR) and two 16-bit timer registers (TC1DRA and TC1DRB). Note 1: fc: High-frequency clock [Hz], fs: Low-frequency clock [Hz] Note 2: The timer register consists of two shift registers. A value set in the timer register becomes valid at the rising edge of the first source clock pulse that occurs after the upper byte (TC1DRAH and TC1DRBH) is written. Therefore, write the lower byte and the upper byte in this order (it is recommended to write the register with a 16-bit access instruction). Writing only the lower byte (TC1DRAL and TC1DRBL) does not enable the setting of the timer register. Timer Register 15 14 13 12 11 10 98765 43210 TC1DRA (0021H, 0020H) TC1DRAH (0021H) TC1DRAL (0020H) (Initial value: 1111 1111 1111 1111) Read/Write TC1DRB (0023H, 0022H) TC1DRBH (0023H) TC1DRBL (0022H) (Initial value: 1111 1111 1111 1111) Read/Write (Write enabled only in the PPG output mode) TimerCounter 1 Control Register TC1CR (0032H) 76 543 21 0 TFF1 ACAP1 MCAP1 METT1 MPPG1 TC1S TC1CK TC1M Read/Write (Initial value: 0000 0000) TFF1 Timer F/F1 control 0: Clear 1: Set R/W ACAP1 Auto capture control 0:Auto-capture disable 1:Auto-capture enable R/W MCAP1 Pulse width measure- ment mode control 0:Double edge capture 1:Single edge capture METT1 External trigger timer mode control 0:Trigger start 1:Trigger start and stop MPPG1 PPG output control 0:Continuous pulse generation 1:One-shot TC1S TC1 start control Timer Extrig- ger Event Win- dow Pulse PPG R/W 00: Stop and counter clear OOOOOO 01: Command start O –––– O 10: Rising edge start (Ex-trigger/Pulse/PPG) Rising edge count (Event) Positive logic count (Window) – OOOOO 11: Falling edge start (Ex-trigger/Pulse/PPG) Falling edge count (Event) Negative logic count (Window) – OOOOO TC1CK TC1 source clock select [Hz] NORMAL1/2, IDLE1/2 mode Divider SLOW, SLEEP mode R/W DV7CK = 0 DV7CK = 1 DV1CK = 0 DV1CK = 1 DV1CK = 0 DV1CK = 1 00 fc/211 fc/212 fs/23 fs/23 DV9 fs/23 01 fc/27 fc/28 fc/27 fc/28 DV5 – 10 fc/23 fc/24 fc/23 fc/24 DV1 – 11 External clock (TC1 pin input) TC1M TC1 operating mode select 00: Timer/external trigger timer/event counter mode 01: Window mode 10: Pulse width measurement mode 11: PPG (Programmable pulse generate) output mode R/W |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |