Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS64FG Datasheet(PDF) 120 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 120 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 116Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 117Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 118Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 119Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 120Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 121Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 122Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 123Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 124Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 252 page
background image
Page 108
10. 8-Bit TimerCounter 3 (TC3)
10.1 Configuration
TMP86FS64FG
10.2 TimerCounter Control
The TimerCounter 3 is controlled by the TimerCounter 3 control register (TC3CR) and two 8-bit timer registers
(TC3DRA and TC3DRB).
Note 1: fc: High-frequency clock [Hz], fs: Low-frequency clock [Hz], *: Don’t care
Note 2: Set the operating mode and source clock when TimerCounter stops (TC3S = 0).
Note 3: To set the timer registers, the following relationship must be satisfied.
TC3DRA > 1 (Timer/event counter mode)
Note 4: Auto-capture (ACAP) can be used only in the timer and event counter modes.
Note 5: When the read instruction is executed to TC3CR, the bit 5 and 7 are read as a don’t care.
Note 6: Do not program TC3DRA when the timer is running (TC3S = 1).
Note 7: When the STOP mode is entered, the start control (TC3S) is cleared to 0 automatically, and the timer stops. After
the STOP mode is exited, TC3S must be set again to use the timer counter.
Timer Register and Control Register
TC3DRA
(0010H)
76
543
21
0
Read/Write (Initial value: 1111 1111)
TC3DRB
(0011H)
Read only (Initial value: 1111 1111)
TC3CR
(0012H)
76
543
21
0
ACAP
TC3S
TC3CK
TC3M
(Initial value: *0*0 0000)
ACAP
Auto capture control
0: –
1: Auto capture
R/W
TC3S
TC3 start control
0: Stop and counter clear
1: Start
R/W
TC3CK
TC3 source clock select
[Hz]
NORMAL1/2, IDLE1/2 mode
Divider
SLOW1/2,
SLEEP1/2
mode
R/W
DV7CK
= 0DV7CK = 1
DV1CK=0
DV1CK=1
DV1CK=0
DV1CK=1
000
fc/213
fc/214
fs/25
fs/25
DV11
fs/25
001
fc/212
fc/213
fs/24
fs/24
DV10
fs/24
010
fc/211
fc/212
fs/23
fs/23
DV9
fs/23
011
fc/210
fc/211
fs/22
fs/22
DV8
fs/22
100
fc/29
fc/210
fs/2
fs/2
DV7
fs/2
101
fc/28
fc/29
fc/28
fc/29
DV6
–
110
fc/27
fc/28
fc/27
fc/28
DV5
–
111
External clock (TC3 pin input)
TC3M
TC3 operating mode
select
0: Timer/event counter mode
1: Capture mode
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com