Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS64FG Datasheet(PDF) 156 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 156 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 152Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 153Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 154Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 155Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 156Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 157Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 158Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 159Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 160Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 252 page
background image
Page 144
14. Asynchronous Serial interface (UART )
14.10 Status Flag
TMP86FS64FG
14.10Status Flag
14.10.1Parity Error
When parity determined using the receive data bits differs from the received parity bit, the parity error flag
UARTSR<PERR> is set to “1”. The UARTSR<PERR> is cleared to “0” when the RDBUF is read after read-
ing the UARTSR.
Figure 14-6 Generation of Parity Error
14.10.2Framing Error
When “0” is sampled as the stop bit in the receive data, framing error flag UARTSR<FERR> is set to “1”.
The UARTSR<FERR> is cleared to “0” when the RDBUF is read after reading the UARTSR.
Figure 14-7 Generation of Framing Error
14.10.3Overrun Error
When all bits in the next data are received while unread data are still in RDBUF, overrun error flag
UARTSR<OERR> is set to “1”. In this case, the receive data is discarded; data in RDBUF are not affected.
The UARTSR<OERR> is cleared to “0” when the RDBUF is read after reading the UARTSR.
Parity
Stop
Shift register
pxxxx0*
1pxxxx0
xxxx0**
RXD1 pin
UARTSR<PERR>
INTTRX interrupt
After reading UARTSR then
RDBUF clears PERR.
Final bit
Stop
Shift register
xxxx0*
0xxxx0
xxx0**
RXD1 pin
UARTSR<FERR>
INTTRX interrupt
After reading UARTSR then
RDBUF clears FERR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com