Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS64FG Datasheet(PDF) 186 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 186 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 182Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 183Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 184Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 185Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 186Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 187Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 188Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 189Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 190Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 252 page
background image
Page 174
17. 10-bit AD Converter (ADC)
17.2 Register configuration
TMP86FS64FG
Note 1: The ADCDR2<EOCF> is cleared to "0" when reading the ADCDR1. Therfore, the AD conversion result should be read to
ADCDR2 more first than ADCDR1.
Note 2: The ADCDR2<ADBF> is set to "1" when AD conversion starts, and cleared to "0" when AD conversion finished. It also is
cleared upon entering STOP mode or SLOW mode .
Note 3: If a read instruction is executed for ADCDR2, read data of bit3 to bit0 are unstable.
AD Converted value Register 1
ADCDR1
(0027H)
76543
210
AD09
AD08
AD07
AD06
AD05
AD04
AD03
AD02
(Initial value: 0000 0000)
AD Converted value Register 2
ADCDR2
(0026H)
76543
210
AD01
AD00
EOCF
ADBF
(Initial value: 0000 ****)
EOCF
AD conversion end flag
0:
1:
Before or during conversion
Conversion completed
Read
only
ADBF
AD conversion BUSY flag
0:
1:
During stop of AD conversion
During AD conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com