Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS64FG Datasheet(PDF) 220 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 220 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 216Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 217Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 218Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 219Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 220Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 221Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 222Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 223Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 224Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 252 page
background image
Page 208
20. Serial PROM Mode
20.6 Operation Mode
TMP86FS64FG
20.6.4 Flash Memory SUM Output Mode (Operation Command: 90H)
Table 20-10 shows flash memory SUM output mode process.
Note 1: “xxH
× 3” indicates that the device enters the halt condition after sending 3 bytes of xxH. For details, refer to " 20.7 Error
Code ".
Note 2: Refer to " 20.8 Checksum (SUM) ".
Description of the flash memory SUM output mode
1. The 1st through 4th bytes of the transmitted and received data contains the same data as in the flash
memory writing mode.
2. The 5th byte of the received data contains the command data in the flash memory SUM output mode
(90H).
3. When the 5th byte of the received data contains the operation command data shown in Table 1-6, the
device echoes back the value which is the same data in the 6th byte position of the received data (in
this case, 90H). If the 5th byte of the received data does not contain the operation command data, the
device enters the halt condition after transmitting 3 bytes of operation command error code (63H).
4. The 7th and the 8th bytes contain the upper and lower bits of the checksum, respectively. For how to
calculate the checksum, refer to " 20.8 Checksum (SUM) ".
5. After sending the checksum, the device waits for the next operation command data.
Table 20-10 Flash Memory SUM Output Process
Transfer Bytes
Transfer Data from External Control-
ler to TMP86FS64FG
Baud Rate
Transfer Data from TMP86FS64FG to
External Controller
BOOT
ROM
1st byte
2nd byte
Matching data (5AH)
-
9600 bps
9600 bps
- (Automatic baud rate adjustment)
OK: Echo back data (5AH)
Error: Nothing transmitted
3rd byte
4th byte
Baud rate modification data
(See Table 20-4)
-
9600 bps
9600 bps
-
OK: Echo back data
Error: A1H
× 3, A3H × 3, 62H × 3 (Note 1)
5th byte
6th byte
Operation command data (90H)
-
Modified baud rate
Modified baud rate
-
OK: Echo back data (90H)
Error: A1H
× 3, A3H × 3, 63H × 3 (Note 1)
7th byte
-
Modified baud rate
OK: SUM (Upper byte) (Note 2)
Error: Nothing transmitted
8th byte
-
Modified baud rate
OK: SUM (Lower byte) (Note 2)
Error: Nothing transmitted
9th byte
(Wait for the next operation com-
mand data)
Modified baud rate
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com