Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS64FG Datasheet(PDF) 244 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 244 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 240Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 241Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 242Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 243Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 244Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 245Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 246Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 247Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 248Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 252 page
background image
Page 232
22. Electrical Characteristics
22.1 Absolute Maximum Ratings
TMP86FS64FG
22.4 AD Characteristics
Note 1: The total error includes all errors except a quanitization error, and is defined as a maximum deviation from the ideal con-
version line.
Note 2: Conversion time is defferent in recommended value by power supply voltage.
Note 3: The voltage to be input on the AIN input pin must not exceed the range between VAREF and VSS. If a voltage outside this
range is input, conversion values will become unstable and conversion values of other channels will also be affected.
Note 4: Analog reference voltage range:
∆VAREF = VAREF - VSS
Note 5: When AD converter is not used, fix the AVDD and VAREF pin on the VDD level.
(VSS = 0.0 V, 4.5 V ≤ VDD ≤ 5.5 V, Topr = -40 to 85 °C)
Paramete
Symbol
Condition
Min
Typ.
Max
Unit
Analog reference voltage
VAREF
AVDD - 1.0
–
AVDD
V
Power supply voltage of analog control
circuit
AVDD
VDD
AVSS
VSS
Analog reference voltage range (Note 4)
∆ VAREF
3.5
–
–
Analog input voltage
VAIN
VSS
–
VAREF
Power supply current of analog refer-
ence voltage
IREF
VDD = AVDD = VAREF = 5.5 V
VSS = AVSS = 0.0 V
–0.6
1.0
mA
Non linearity error
VDD = AVDD = 5.0 V,
VSS = AVSS = 0.0 V
VAREF = 5.0 V
––
±2
LSB
Zero point error
––
±2
Full scale error
––
±2
Total error
––
±4
(VSS = 0 V, 3.0 V ≤ VDD < 4.5 V, Topr = -40 to 85°C)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Analog reference voltage
VAREF
AVDD - 1.0
–
AVDD
V
Power supply voltage of analog control
circuit
AVDD
VDD
AVSS
VSS
Analog reference voltage range (Note 4)
∆ VAREF
2.5
–
–
Analog input voltage
VAIN
VSS
–
VAREF
Power supply current of analog refer-
ence voltage
IREF
VDD = AVDD = VAREF = 4.5 V
VSS = AVSS = 0.0 V
–0.5
0.8
mA
Non linearity error
VDD = AVDD = 3.0 V
VSS = AVSS = 0.0 V
VAREF = 3.0 V
––
±2
LSB
Zero point error
––
±2
Full scale error
––
±2
Total error
––
±4
(VSS = 0 V, 2.7 V ≤ VDD < 3.0 V, Topr = -20 to 85°C) (Note6)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Analog reference voltage
VAREF
AVDD - 0.5
–
AVDD
V
Power supply voltage of analog control
circuit
AVDD
VDD
AVSS
VSS
Analog reference voltage range (Note 4)
∆ VAREF
2.5
–
–
Analog input voltage
VAIN
VSS
–
VAREF
Power supply current of analog refer-
ence voltage
IREF
VDD = AVDD = VAREF =2.7 V
VSS = AVSS = 0.0 V
–0.3
0.5
mA
Non linearity error
VDD = AVDD = 2.7 V
VSS = AVSS = 0.0 V
VAREF = 2.7 V
––
±2
LSB
Zero point error
––
±2
Full scale error
––
±2
Total error
––
±4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com