Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86CS25ADFG Datasheet(PDF) 96 Page - Toshiba Semiconductor

Part # TMP86CS25ADFG
Description  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25ADFG Datasheet(HTML) 96 Page - Toshiba Semiconductor

Back Button TMP86CS25ADFG Datasheet HTML 92Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 93Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 94Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 95Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 96Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 97Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 98Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 99Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 100Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 194 page
background image
Page 86
9. 8-Bit TimerCounter (TC3, TC4)
9.1 Configuration
TMP86CS25ADFG
The TimerCounter 4 is controlled by the TimerCounter 4 control register (TC4CR) and two 8-bit timer registers
(TTREG4 and PWREG4).
Note 1: Do not change the timer register (TTREG4) setting while the timer is running.
Note 2: Do not change the timer register (PWREG4) setting in the operating mode except the 8-bit and 16-bit PWM modes while
the timer is running.
Note 1: fc: High-frequency clock [Hz] fs: Low-frequency clock [Hz]
Note 2: Do not change the TC4M, TC4CK and TFF4 settings while the timer is running.
Note 3: To stop the timer operation (TC4S= 1
→ 0), do not change the TC4M, TC4CK and TFF4 settings.
To start the timer operation (TC4S= 0
→ 1), TC4M, TC4CK and TFF4 can be programmed.
Note 4: When TC4M= 1** (upper byte in the 16-bit mode), the source clock becomes the TC4 overflow signal regardless of the
TC3CK setting.
Note 5: To use the TimerCounter in the 16-bit mode, select the operating mode by programming TC4M, where TC3CR<TC3 M>
must be set to 011.
TimerCounter 4 Timer Register
TTREG4
(001DH)
R/W
7
6543
210
(Initial value: 1111 1111)
PWREG4
(002DH)
R/W
7
6543
210
(Initial value: 1111 1111)
TimerCounter 4 Control Register
TC4CR
(0019H)
7
6543
210
TFF4
TC4CK
TC4S
TC4M
(Initial value: 0000 0000)
TFF4
Timer F/F4 control
0:
1:
Clear
Set
R/W
TC4CK
Operating clock selection [Hz]
NORMAL1/2, IDLE1/2 mode
SLOW1/2
SLEEP1/2
mode
R/W
DV7CK = 0
DV7CK = 1
000
fc/211
fs/23
fs/23
001
fc/27
fc/27
–
010
fc/25
fc/25
–
011
fc/23
fc/23
–
100
fs
fs
fs
101
fc/2
fc/2
–
110
fc
fc
–
111
TC4 pin input
TC4S
TC4 start control
0:
1:
Operation stop and counter clear
Operation start
R/W
TC4M
TC4M operating mode select
000:
001:
010:
011:
100:
101:
110:
111:
8-bit timer/event counter mode
8-bit programmable divider output (PDO) mode
8-bit pulse width modulation (PWM) output mode
Reserved
16-bit timer/event counter mode
Warm-up counter mode
16-bit pulse width modulation (PWM) output mode
16-bit PPG mode
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com