Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86CS25ADFG Datasheet(PDF) 17 Page - Toshiba Semiconductor

Part # TMP86CS25ADFG
Description  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25ADFG Datasheet(HTML) 17 Page - Toshiba Semiconductor

Back Button TMP86CS25ADFG Datasheet HTML 13Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 14Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 15Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 16Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 17Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 18Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 19Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 20Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 21Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 194 page
background image
Page 7
TMP86CS25ADFG
P76
SO1
COM14
91
IO
O
O
PORT76
Serial Data Output 1
LCD common output 14
P75
SI1
COM13
90
IO
I
O
PORT75
Serial Data Input 1
LCD common output 13
P74
MUL3
COM12
89
IO
IO
O
PORT74
Multi Function 3 pin
LCD common output 12
P73
MUL2
COM11
88
IO
O
O
PORT73
Multi Function 2 pin
LCD common output 11
P72
MUL1
COM10
87
IO
IO
O
PORT72
Multi Function 1 pin
LCD common output 10
P71
MUL0
COM9
86
IO
O
O
PORT71
Multi Function 0 pin
LCD common output 9
P70
COM8
85
IO
O
PORT70
LCD common output 8
SEG39
37
O
LCD segment output 39
SEG38
38
O
LCD segment output 38
SEG37
39
O
LCD segment output 37
SEG36
40
O
LCD segment output 36
SEG35
41
O
LCD segment output 35
SEG34
42
O
LCD segment output 34
SEG33
43
O
LCD segment output 33
SEG32
44
O
LCD segment output 32
SEG31
45
O
LCD segment output 31
SEG30
46
O
LCD segment output 30
SEG29
47
O
LCD segment output 29
SEG28
48
O
LCD segment output 28
SEG27
49
O
LCD segment output 27
SEG26
50
O
LCD segment output 26
SEG25
51
O
LCD segment output 25
SEG24
52
O
LCD segment output 24
SEG23
53
O
LCD segment output 23
SEG22
54
O
LCD segment output 22
SEG21
55
O
LCD segment output 21
SEG20
56
O
LCD segment output 20
SEG19
57
O
LCD segment output 19
SEG18
58
O
LCD segment output 18
Table 1-1 Pin Names and Functions(3/4)
Pin Name
Pin Number
Input/Output
Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com