| Electronic Components Datasheet Search |
|
TMP86CS64AFG Datasheet(PDF) 38 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86CS64AFG Datasheet(HTML) 38 Page - Toshiba Semiconductor |
|
38 / 202 page ![]() Page 28 2. Operational Descriptions 2.2 System Clock Controller TMP86CS64AFG • Entering IDLE1/2 or SLEEP1/2 mode After clearing the interrupt master enable flag (IMF) to 0, set the individual interrupt enable flag used to exit the IDLE1/2 or SLEEP1/2 mode to 1. To enter the EDLE1/2 or SLEEP1/2 mode, set SYSCR2<IDELE> to 1. • Exiting IDLE1/2 or SLEEP1/2 Mode Upon return from the IDEL1/2 or SLEEP1/2 mode, the interrupt master enable flag (IMF) determines the action taken after exiting the IDLE1/2 or SLEEP1/2 mode; i.e., whether execu- tion resumes with an interrupt service routine. When exiting the IDLE1//2 or SLEEP1/2 mode, SYSCR2<IDLE> is automatically cleared to 0, and the operating mode is returned to the mode before entering the IDLE1/2 or SLEEP1/2 mode. The IDLE1/2 or SLEEP1/2 mode is exited by setting the RESET pin to low. In this case, the NORMAL1 mode is activated after exitig the IDLE1/2 or SLEEP1/2. (1) Program execution resuming with the instruction (IMF = 0) The IDLE1/2 or SLEEP1/2 mode is exited by the individual interrupt enable flag (EF). Program execution resumes with the instruction immediately following the instruction that activated the IDLE1/2 or SLEEP1/2 mode. Normally the instruction latches (IL) of the interrupt source used to exit the IDLE1/2 or SLEEP1/2 mode must be cleared to 0 by the load instruction. (2) Program execution resuming with the interrupt service routine (IMF = 1) The IDEL1/2 or SLEEP1/2 mode is exited by an interrupt source enabled by the individual inter- rupt enable flag (EF). Execution resumes with the interrupt service routine. Upon completion of the interrupt service routine, program execution resumes with the instruction immediately following the instruction that activated the IDEL1/2 or SLEEP1/2 mode. Note: When a watchdog timer interrupt is generated immediately before entering the IDEL1/2 or SLEEP1/2 mode, the watchdog timer interrupt is processed without entering the IDEL1/2 or SLEEP1/2 mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |