Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86CS64AFG Datasheet(PDF) 69 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 69 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 65Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 66Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 67Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 68Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 69Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 70Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 71Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 72Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 73Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 202 page
background image
Page 59
TMP86CS64AFG
5.4 Port P3 (P37 to P30)
Port P3 is an 8-bit input/output port, which can be configured individually as an input or an output under software
control. Input/output mode is specified by the corresponding bit in the port P3 input/output control register (P3CR).
During reset, the P3CR is initialized to “0”, which configures port P3 as an input mode. The P3 output latches
(P3DR) are also initialized to “1”.
Port P30, P31 and P32 are also used as TC4/PWM4/PDO4, TC5/PWM5/PDO5 and TC6/PWM6/PDO6. When used as
secondary function pin, the input pins (TC4, TC5, TC6) should be set to the input mode and the output pins (PWM4/
PDO4
, PWM5/PDO5, PWM6/PDO6) should be set to the output.
Port P33, P34, P35, P36 and P37 are also used as SCK1, SI1, SO1, SI2 and SO2. When used as secondary function
pin, SCK1 should be set to the input or output mode, SI1 and SI2 should be set to the input mode, SO1 and SO2
should be set to the output mode.
Note 1: i = 7 to 0
Note 2: STOP: bit 7 in SYSCR1, OUTEN: bit 4 in SYSCR1
Figure 5-5 Port P3
Note: When used as an input mode, read-modify-write instructions such as bit manipulate instructions cannot be used. Read-
modify-write instruction writes the all data of 8-bit after read and modified. Because a bit setting input mode reads data of
terminal, the output latch is changed by these instructions.
P3DR
(0003H)
76
543
21
0
P37
SO2
P36
SI2
P35
SO1
P34
SI1
P33
SCK1
P32
TC6
PWM6
PDO6
P31
TC5
PWM5
PDO5
P30
TC4
PWM4
PDO4
(Initial value: 1111 1111)
P3CR
(000BH)
76
543
21
0
P3CR7
P3CR6
P3CR5
P3CR4
P3CR3
P3CR2
P3CR1
P3CR0
(Initial value: 0000 0000)
P3CR
I/O control for port P3
(specified for each bit)
0: Input mode
1: Output mode
R/W
STOP
OUTEN
Data input
Data output
P3CRi
Control output
Control input
Output latch
P3i
D
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com