Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS23UG Datasheet(PDF) 165 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 165 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 161Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 162Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 163Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 164Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 165Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 166Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 167Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 168Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 169Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 252 page
background image
Page 153
TMP86FS23UG
13.3 Function
13.3.1 Software Start Mode
After setting ADCCR1<AMD> to “01” (software start mode), set ADCCR1<ADRS> to “1”. AD conver-
sion of the voltage at the analog input pin specified by ADCCR1<SAIN> is thereby started.
After completion of the AD conversion, the conversion result is stored in AD converted value registers
(ADCDR1, ADCDR2) and at the same time ADCDR2<EOCF> is set to 1, the AD conversion finished inter-
rupt (INTADC) is generated.
ADRS is automatically cleared after AD conversion has started. Do not set ADCCR1<ADRS> newly again
(Restart) during AD conversion. Before setting ADRS newly again, check ADCDR2<EOCF> to see that the
conversion is completed or wait until the interrupt signal (INTADC) is generated (e.g., interrupt handling rou-
tine).
Figure 13-2 Software Start Mode
13.3.2 Repeat Mode
AD conversion of the voltage at the analog input pin specified by ADCCR1<SAIN> is performed repeatedly.
In this mode, AD conversion is started by setting ADCCR1<ADRS> to “1” after setting ADCCR1<AMD> to
“11” (Repeat mode).
After completion of the AD conversion, the conversion result is stored in AD converted value registers
(ADCDR1, ADCDR2) and at the same time ADCDR2<EOCF> is set to 1, the AD conversion finished inter-
rupt (INTADC) is generated.
In repeat mode, each time one AD conversion is completed, the next AD conversion is started. To stop AD
conversion, set ADCCR1<AMD> to “00” (Disable mode) by writing 0s. The AD convert operation is stopped
immediately. The converted value at this time is not stored in the AD converted value register.
ADCDR1 status
EOCF cleared by reading
conversion result
Conversion result
read
ADCDR2<EOCF>
INTADC interrupt request
ADCDR2<ADBF>
ADCCR1<ADRS>
1st conversion result
2nd conversion result
Indeterminate
AD conversion start
AD conversion start
ADCDR1
ADCDR2
Conversion result
read
Conversion result
read
Conversion result
read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com