Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS23UG Datasheet(PDF) 223 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 223 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 219Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 220Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 221Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 222Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 223Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 224Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 225Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 226Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 227Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 252 page
background image
Page 211
TMP86FS23UG
19.6.5 Product ID Code Output Mode (Operation Command: C0H)
Table 19-11 shows product ID code output mode process.
Note: “xxH
× 3” indicates that the device enters the halt condition after sending 3 bytes of xxH. For details, refer to " 19.7 Error
Code ".
Description of Product ID code output mode
1. The 1st through 4th bytes of the transmitted and received data contain the same data as in the flash
memory writing mode.
2. The 5th byte of the received data contains the product ID code output mode command data (C0H).
3. When the 5th byte contains the operation command data shown in Table 19-6, the device echoes back
the value which is the same data in the 6th byte position of the received data (in this case, C0H). If the
5th byte data does not contain the operation command data, the device enters the halt condition after
sending 3 bytes of operation command error code (63H).
4. The 9th through 19th bytes contain the product ID code. For details, refer to " 19.11 Product ID Code
".
Table 19-11 Product ID Code Output Process
Transfer Bytes
Transfer Data from External Controller
to TMP86FS23UG
Baud Rate
Transfer Data from TMP86FS23UG to
External Controller
BOOT
ROM
1st byte
2nd byte
Matching data (5AH)
-
9600 bps
9600 bps
- (Automatic baud rate adjustment)
OK: Echo back data (5AH)
Error: Nothing transmitted
3rd byte
4th byte
Baud rate modification data
(See Table 19-4)
-
9600 bps
9600 bps
-
OK: Echo back data
Error: A1H
× 3, A3H × 3, 62H × 3 (Note 1)
5th byte
6th byte
Operation command data (C0H)
-
Modified baud rate
Modified baud rate
-
OK: Echo back data (C0H)
Error: A1H
× 3, A3H × 3, 63H × 3 (Note 1)
7th byte
Modified baud rate
3AH
Start mark
8th byte
Modified baud rate
0AH
The number of transfer data
(from 9th to 18th bytes)
9th byte
Modified baud rate
02H
Length of address (2 bytes)
10th byte
Modified baud rate
1DH
Reserved data
11th byte
Modified baud rate
00H
Reserved data
12th byte
Modified baud rate
00H
Reserved data
13th byte
Modified baud rate
00H
Reserved data
14th byte
Modified baud rate
01H
ROM block count (1 block)
15th byte
Modified baud rate
10H
First address of ROM
(Upper byte)
16th byte
Modified baud rate
00H
First address of ROM
(Lower byte)
17th byte
Modified baud rate
FFH
End address of ROM
(Upper byte)
18th byte
Modified baud rate
FFH
End address of ROM
(Lower byte)
19th byte
Modified baud rate
D2H
Checksum of transferred data
(9th through 18th byte)
20th byte
(Wait for the next operation command
data)
Modified baud rate
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com