Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ1024GA606 Datasheet(PDF) 53 Page - Microchip Technology

Part # PIC24FJ1024GA606
Description  16-Bit Microcontrollers with Large, Dual Partition Flash Program Memory and USB On-The-Go (OTG)
PDF  470 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ1024GA606 Datasheet(HTML) 53 Page - Microchip Technology

Back Button PIC24FJ1024GA606 Datasheet HTML 49Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 50Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 51Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 52Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 53Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 54Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 55Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 56Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 470 page
background image
 2015-2019 Microchip Technology Inc.
DS30010074G-page 53
PIC24FJ1024GA610/GB610 FAMILY
4.0
MEMORY ORGANIZATION
As Harvard architecture devices, PIC24F micro-
controllers feature separate program and data memory
spaces and buses. This architecture also allows direct
access of program memory from the Data Space during
code execution.
4.1
Program Memory Space
The program address memory space of the
PIC24FJ1024GA610/GB610 family devices is 4M
instructions. The space is addressable by a 24-bit value
derived from either the 23-bit Program Counter (PC)
during program execution, or from table operation or
Data Space remapping, as described in Section 4.3
“Interfacing Program and Data Memory Spaces”.
User access to the program memory space is restricted
to the lower half of the address range (000000h to
7FFFFFh). The exception is the use of TBLRD/TBLWT
operations, which use TBLPAG[7] to permit access to
the Configuration bits and customer OTP sections of
the configuration memory space.
The PIC24FJ1024GA610/GB610 family of devices
supports a Single Partition mode and two Dual Partition
modes. The Dual Partition modes allow the device to
be programmed with two separate applications to facil-
itate bootloading or to allow an application to be
programmed at run time without stalling the CPU.
Memory maps for the PIC24FJ1024GA610/GB610
family of devices are shown in Figure 4-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com