Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ1024GA606 Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC24FJ1024GA606
Description  16-Bit Microcontrollers with Large, Dual Partition Flash Program Memory and USB On-The-Go (OTG)
PDF  470 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ1024GA606 Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC24FJ1024GA606 Datasheet HTML 55Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 56Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 57Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 58Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 59Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 60Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 61Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 62Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 470 page
background image
 2015-2019 Microchip Technology Inc.
DS30010074G-page 59
PIC24FJ1024GA610/GB610 FAMILY
4.2
Data Memory Space
The PIC24F core has a 16-bit wide data memory space,
addressable as a single linear range. The Data Space is
accessed using two Address Generation Units (AGUs),
one each for read and write operations. The Data Space
memory map is shown in Figure 4-3.
The 16-bit wide data addresses in the data memory
space point to bytes within the Data Space (DS). This
gives a DS address range of 32 Kbytes or 16K words.
The lower half (0000h to 7FFFh) is used for
implemented (on-chip) memory addresses.
The upper half of data memory address space (8000h to
FFFFh) is used as a window into the Extended Data
Space (EDS). This allows the microcontroller to directly
access a greater range of data beyond the standard
16-bit address range. EDS is discussed in detail in
Section 4.2.5 “Extended Data Space (EDS)”.
The lower half of DS is compatible with previous PIC24F
microcontrollers without EDS. All PIC24FJ1024GA610/
GB610 family devices implement 30 Kbytes of data
RAM in the lower half of DS, from 0800h to 7FFF.
4.2.1
DATA SPACE WIDTH
The data memory space is organized in byte-
addressable, 16-bit wide blocks. Data are aligned in
data memory and registers as 16-bit words, but all Data
Space EAs resolve to bytes. The Least Significant
Bytes (LSBs) of each word have even addresses, while
the Most Significant Bytes (MSBs) have odd
addresses.
FIGURE 4-3:
DATA SPACE MEMORY MAP FOR PIC24FJ1024GA610/GB610 FAMILY DEVICES
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive refer-
ence source. For more information, refer
to “Data Memory with Extended Data
Space
(EDS)”
(www.microchip.com/
DS39733) in the “dsPIC33/PIC24 Family
Reference Manual”. The information in this
data sheet supersedes the information in
the FRM.
Note:
Memory areas not shown to scale.
0000h
07FEh
FFFEh
LSB
Address
LSB
MSB
MSB
Address
0001h
07FFh
1FFFh
FFFFh
8001h
8000h
7FFFh
0801h
0800h
2001h
Near
1FFEh
SFR
2000h
7FFEh
EDS Window
Space
Data Space
Upper 32 Kbytes
Data Space
Lower 32 Kbytes
Data Space
30 Kbytes Data RAM
SFR Space
EDS Page 0x1
(2 Kbytes implemented)
EDS Page 0x2
EDS Page 0x1FF
EDS Page 0x200
EDS Page 0x2FF
EDS Page 0x300
EDS Page 0x3FF
Internal Extended
Data RAM (2 Kbytes)
EPMP Memory Space
Program Space Visibility
Area to Access Lower
Word of Program Memory
Program Space Visibility
Area to Access Upper
Word of Program Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com