Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETA9185 Datasheet(PDF) 5 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA9185
Description  Ultra Low Power 5V Boost Converter, 20V Linear Charger and Fuel Gauge All-in-One Solution for TWS Charge Cradle
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA9185 Datasheet(HTML) 5 Page - ETA SOLUTIONS CO. LIMITED

  ETA9185 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ETA9185
www.etasolution.com
5
Empower Thinkers
TYPICAL CHARACTERISTICS
(Typical values are at TA = 25oC unless otherwise specified.)
FUNCTION BLOCK DIAGRAM
VIN
NTC
ISET
ENBST
BAT
LED1
LED2
LED3
VOUT
SW
GND
CC/CV
Control
NTC
Monitor
Charging
Current Set
Fuel
Gauge
Boost
Control
0
1
2
3
4
5
6
0
0.5
1
1.5
2
Iout (A)
5V Vout Vs. Iout
Vin=3.3V
Vin=3.7V
Vin=4.2V
60%
65%
70%
75%
80%
85%
90%
95%
100%
0
0.5
1
1.5
2
Iout (A)
Effi. Vs. Iout
VBAT=3.3V
VBAT=3.7V
VBAT=4.2V
0
0.1
0.2
0.3
0.4
0.5
0.6
0
1
2
3
4
5
Vbat (V)
Ibat Vs. Vbat
0
2
4
6
8
10
12
14
3
3.4
3.8
4.2
Vbat (V)
Iq Vs. Vbat
Iout=0A
Vin=5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com