Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETA9185 Datasheet(PDF) 6 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA9185
Description  Ultra Low Power 5V Boost Converter, 20V Linear Charger and Fuel Gauge All-in-One Solution for TWS Charge Cradle
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA9185 Datasheet(HTML) 6 Page - ETA SOLUTIONS CO. LIMITED

Back Button ETA9185 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 10Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ETA9185
www.etasolution.com
6
Empower Thinkers
APPLICATION INFORMATION
ETA9185 is an ultra low power 5V boost converter, 20V linear charger and fuel gauge all-in-one solution for TWS
charge cradle, boost converter with true-shutoff function.
Normal Charge Cycle
The ETA9185 initiates a charge cycle once the voltage at the VIN pin rises above the UVLO threshold level. A 1%
precision resistor needs to be connected from the ISET pin to ground. If the voltage at the BAT pin is less than 3.0V,
the charger enters trickle charge mode. In this mode, the charge current is reduced to nearly 1/10 the programmed
value until the battery voltage is raised to a safe level for full current charging.
The charger switches to constant-current mode as the BAT pin voltage rises above 3.0V, the charge current is thus
resumed to full programmed value. When the final VBAT voltage (4.2V or 4.35V) is reached, the ETA9185 enters
constant-voltage mode and the charge current begins to decrease until it drops to 1/10 of the preset value and ends
the charge cycle.
Programming Charge Current
The charge current is programmable by setting the value of a precision resistor connected from the ISET pin to ground.
The charge current out of the BAT pin can be using the following equation:
IBAT=
1
Rset
×1000
LED Display Mode
The ETA9185 use D1, D2, D3, D4 LEDS to show the battery voltage level.
Table 1
D1, D2, D3, D4 Battery Voltage Level Indicator
State
Battery Voltage Level(C)
D1
D2
D3
D4
Charging
C≤25%
1Hz flash
off
off
off
25%<C≤50%
on
1Hz flash
Off
off
50%<C≤75%
on
on
1Hz flash
off
75%<C
on
on
on
1Hz flash
Charging Done
on
on
on
on
Discharging
75%<C≤100%
on
on
on
on
50%<C≤75%
on
on
on
Off
25%<C≤50%
on
on
off
off
3%<C≤25%
on
off
off
off
C≤3%
1Hz flash
off
off
off



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com