Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETA9185 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA9185
Description  Ultra Low Power 5V Boost Converter, 20V Linear Charger and Fuel Gauge All-in-One Solution for TWS Charge Cradle
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA9185 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA9185 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ETA9185
www.etasolution.com
1
Empower Thinkers
Ultra Low Power 5V Boost Converter, 20V Linear Charger and Fuel
Gauge All-in-One Solution for TWS Charge Cradle
DESCRIPTION
FEATURES
ETA9185 is an all-in-one solution for TWS charge
cradle. It includes a 20V single cell Li+ battery linear
charger, a 5V Boost synchronous converter with
true-shutoff function and a Fuel Gauge with LED
indication. The linear charger is fully integrated with
constant current (CC) / constant voltage (CV) control
module and a charge FET. It has a pre-charge
function for trickle charging a deeply discharged
battery and its fast charge current can be
programmed by an external resistor. In CV charge
stage, charging will be terminated when the charge
current drops to 1/10 of the programmed value. The
integrated low power 5V Boost converter is capable
of delivering 1.0A current at 5V output. It can be shut
down by pulling the ENBST pin low. The true shut
down feature disconnect output from the BAT
thereby further decreasing the system standby
power. Its 1.0MHz switching frequency allows a very
small external inductor with inductance as low as
2.2uH. A fuel gauge also drives 4 LEDs for battery
level indication. ETA9185 is ideal for applications
such as a TWS charging cradle that requires low
standby power and small PCB space.
ETA9185 is housed in a ESSOP10/DFN3x3-10
package
Ultra low boost standby Iq , Ibat<10uA
20V Charge input standoff voltage
4.2V/4.35V charge termination voltage
Charge current programmable
Boost Output Disconnect and SCP
5V/1.0A Output Power
Up to 96% Efficiency for boost
Fuel Gauge and LED indicators
NTC thermistor input
Logic Control Shutdown
Thermal shutdown
ESSOP10/ DFN3x3-10 Package
APPLICATIONS
TWS BT earbuds charge case
Bluetooth application
Battery powered IOT module
Power Bank
TYPICAL APPLICATION
VOUT
ISET
VIN
LED1
BAT
NTC
LED3
SW
ENBST
LED2
GND
VIN
10uF
RNTC
2.2uH
D1
D2
D3
D4
22uF
RISET
ENBST
VOUT
ETA9185
R1


Similar Part No. - ETA9185

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA9158 ETA-ETA9158 Datasheet
113Kb / 1P
PMU with 3 Channel of 18V, 2A Step-down Converter and I2C Control
ETA9158Q5N-T ETA-ETA9158Q5N-T Datasheet
113Kb / 1P
PMU with 3 Channel of 18V, 2A Step-down Converter and I2C Control
More results

Similar Description - ETA9185

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2690 MPS-MP2690 Datasheet
2Mb / 37P
All-in-One, 2.5A Battery Charger with 2.1A Boost Current
logo
ETA SOLUTIONS CO. LIMIT...
ETA6082 ETA-ETA6082 Datasheet
141Kb / 1P
Single Inductor, 3A Switch Mode Battery Charger, 2.1A USB OTG, and Fuel Gauge All-in-One Solution
ETA9638 ETA-ETA9638 Datasheet
271Kb / 1P
5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
ETA9639 ETA-ETA9639 Datasheet
216Kb / 1P
5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
ETA9640 ETA-ETA9640 Datasheet
214Kb / 1P
5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
logo
Shenzhen Huazhimei Semi...
HM5910 HMSEMI-HM5910 Datasheet
1Mb / 7P
Low power PMU with 16V linear charger and 5V boost converter
HM5911 HMSEMI-HM5911 Datasheet
999Kb / 6P
20V Stadoff, 2.4A Charger with 2.4a OTG for power Bank All-in-one solution
logo
Maxim Integrated Produc...
MAX20353 MAXIM-MAX20353 Datasheet
2Mb / 153P
PMIC with Ultra-Low Iq Regulators, Charger, Fuel Gauge, and Haptic Driver for Small Li Systems
Rev 2; 2/21
logo
Shenzhen Huazhimei Semi...
HM5907 HMSEMI-HM5907 Datasheet
998Kb / 5P
3A Switching Charger, 2.4A Boost and Fuel Gauge in One ESOP8 with Single Inductor
logo
ETA SOLUTIONS CO. LIMIT...
ETA9740 ETA-ETA9740 Datasheet
613Kb / 5P
3 A Switching Charger, 2.4 A Boost and Fuel Gauge in One ESOP8 with S ingle Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com