Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8552 Datasheet(PDF) 4 Page - Gainsil Semiconductor Technology Co., Ltd

Part # GS8552
Description  1.8MHZ Zero-Drift CMOS Rail-to-Rail IO Opamp with RF Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAINSIL [Gainsil Semiconductor Technology Co., Ltd]
Direct Link  http://en.gainsil.com/index.php
Logo GAINSIL - Gainsil Semiconductor Technology Co., Ltd

GS8552 Datasheet(HTML) 4 Page - Gainsil Semiconductor Technology Co., Ltd

  GS8552 Datasheet HTML 1Page - Gainsil Semiconductor Technology Co., Ltd GS8552 Datasheet HTML 2Page - Gainsil Semiconductor Technology Co., Ltd GS8552 Datasheet HTML 3Page - Gainsil Semiconductor Technology Co., Ltd GS8552 Datasheet HTML 4Page - Gainsil Semiconductor Technology Co., Ltd GS8552 Datasheet HTML 5Page - Gainsil Semiconductor Technology Co., Ltd GS8552 Datasheet HTML 6Page - Gainsil Semiconductor Technology Co., Ltd GS8552 Datasheet HTML 7Page - Gainsil Semiconductor Technology Co., Ltd GS8552 Datasheet HTML 8Page - Gainsil Semiconductor Technology Co., Ltd GS8552 Datasheet HTML 9Page - Gainsil Semiconductor Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
GS8551/8552/8554
March 2020-REV_V2
4/14
Typical Performance characteristics
Large Signal Transient Response at +5V
Large Signal Transient Response at +2.5V
Time(4µs/div)
Time(2µs/div)
Small Signal Transient Response at +5V
Small Signal Transient Response at +2.5V
Time(4µs/div)
Time(4µs/div)
Closed Loop Gain vs. Frequency at +5V
Closed Loop Gain vs. Frequency at +2.5V
Frequency (kHz)
Frequency (kHz)
G=-100
CL=300pF
RL=2kΩ
AV=+1
CL=300pF
RL=2kΩ
AV=+1
CL=50pF
RL=∞
AV=+1
CL=50pF
RL=∞
AV=+1
G=-10
G=+1
G=-100
G=-10
G=+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com