Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8552 Datasheet(PDF) 2 Page - Gainsil Semiconductor Technology Co., Ltd

Part # GS8552
Description  1.8MHZ Zero-Drift CMOS Rail-to-Rail IO Opamp with RF Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAINSIL [Gainsil Semiconductor Technology Co., Ltd]
Direct Link  http://en.gainsil.com/index.php
Logo GAINSIL - Gainsil Semiconductor Technology Co., Ltd

GS8552 Datasheet(HTML) 2 Page - Gainsil Semiconductor Technology Co., Ltd

  GS8552 Datasheet HTML 1Page - Gainsil Semiconductor Technology Co., Ltd GS8552 Datasheet HTML 2Page - Gainsil Semiconductor Technology Co., Ltd GS8552 Datasheet HTML 3Page - Gainsil Semiconductor Technology Co., Ltd GS8552 Datasheet HTML 4Page - Gainsil Semiconductor Technology Co., Ltd GS8552 Datasheet HTML 5Page - Gainsil Semiconductor Technology Co., Ltd GS8552 Datasheet HTML 6Page - Gainsil Semiconductor Technology Co., Ltd GS8552 Datasheet HTML 7Page - Gainsil Semiconductor Technology Co., Ltd GS8552 Datasheet HTML 8Page - Gainsil Semiconductor Technology Co., Ltd GS8552 Datasheet HTML 9Page - Gainsil Semiconductor Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
GS8551/8552/8554
March 2020-REV_V2
2/14
Absolute Maximum Ratings
Condition
Min
Max
Power Supply Voltage (VDD to Vss)
-0.5V
+7.5V
Analog Input Voltage (IN+ or IN-)
Vss-0.5V
VDD+0.5V
PDB Input Voltage
Vss-0.5V
+7V
Operating Temperature Range
-45°C
+125°C
Junction Temperature
+160°C
Storage Temperature Range
-55°C
+150°C
Lead Temperature (soldering, 10sec)
+260°C
Package Thermal Resistance (TA=+25
℃)
SOP-8, θJA
125°C/W
MSOP-8, θJA
216°C/W
SOT23-5, θJA
190°C/W
ESD Susceptibility
HBM
6KV
MM
400V
Note: Stress greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions outside those indicated in the operational
sections of this specification are not implied. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.
Package/Ordering Information
MODEL
CHANNEL
ORDER NUMBER
PACKAGE
DESCRIPTION
PACKAGE
OPTION
MARKING
INFORMATION
GS8551
Single
GS8551-TR
SOT23-5
Tape and Reel,3000
8551
GS8551-SR
SOP-8
Tape and Reel,4000
GS8551
GS8552
Dual
GS8552-SR
SOP-8
Tape and Reel,4000
GS8552
GS8552-MR
MSOP-8
Tape and Reel,3000
GS8552
GS8554
Quad
GS8554-TR
TSSOP-14
Tape and Reel,3000
GS8554
GS8554-SR
SOP-14
Tape and Reel,2500
GS8554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com