Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8552 Datasheet(PDF) 8 Page - Gainsil Semiconductor Technology Co., Ltd

Part # GS8552
Description  1.8MHZ Zero-Drift CMOS Rail-to-Rail IO Opamp with RF Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAINSIL [Gainsil Semiconductor Technology Co., Ltd]
Direct Link  http://en.gainsil.com/index.php
Logo GAINSIL - Gainsil Semiconductor Technology Co., Ltd

GS8552 Datasheet(HTML) 8 Page - Gainsil Semiconductor Technology Co., Ltd

Back Button GS8552 Datasheet HTML 4Page - Gainsil Semiconductor Technology Co., Ltd GS8552 Datasheet HTML 5Page - Gainsil Semiconductor Technology Co., Ltd GS8552 Datasheet HTML 6Page - Gainsil Semiconductor Technology Co., Ltd GS8552 Datasheet HTML 7Page - Gainsil Semiconductor Technology Co., Ltd GS8552 Datasheet HTML 8Page - Gainsil Semiconductor Technology Co., Ltd GS8552 Datasheet HTML 9Page - Gainsil Semiconductor Technology Co., Ltd GS8552 Datasheet HTML 10Page - Gainsil Semiconductor Technology Co., Ltd GS8552 Datasheet HTML 11Page - Gainsil Semiconductor Technology Co., Ltd GS8552 Datasheet HTML 12Page - Gainsil Semiconductor Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
GS8551/8552/8554
March 2020-REV_V2
8/14
Typical Application Circuits
Differential amplifier
The differential amplifier allows the subtraction of two input voltages or cancellation of a signal common the two inputs. It is useful
as a computational amplifier in making a differential to single-end conversion or in rejecting a common mode signal. Figure 4.
shown the differential amplifier using GS855X.
Figure 4. Differential Amplifier
REF
1
2
V
)
(
)
(
1
3
4
3
2
1
IP
IN
1
4
4
3
2
1
OUT
R
R
R
R
R
R
R
R
R
R
R
R
R
R
V
V
V
+
+
+
+
+
−
=
If the resistor ratios are equal (i.e. R1=R3 and R2=R4), then
REF
V
)
(
IN
IP
1
2
OUT
+
−
=
V
V
V
R
R
Low Pass Active Filter
The low pass active filter is shown in Figure 5. The DC gain is defined by –R2/R1. The filter has a -20dB/decade roll-off after its
corner frequency ƒC=1/(2πR3C1).
Figure 5. Low Pass Active Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com