Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8554 Datasheet(PDF) 5 Page - Gainsil Semiconductor Technology Co., Ltd

Part # GS8554
Description  1.8MHZ Zero-Drift CMOS Rail-to-Rail IO Opamp with RF Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAINSIL [Gainsil Semiconductor Technology Co., Ltd]
Direct Link  http://en.gainsil.com/index.php
Logo GAINSIL - Gainsil Semiconductor Technology Co., Ltd

GS8554 Datasheet(HTML) 5 Page - Gainsil Semiconductor Technology Co., Ltd

  GS8554 Datasheet HTML 1Page - Gainsil Semiconductor Technology Co., Ltd GS8554 Datasheet HTML 2Page - Gainsil Semiconductor Technology Co., Ltd GS8554 Datasheet HTML 3Page - Gainsil Semiconductor Technology Co., Ltd GS8554 Datasheet HTML 4Page - Gainsil Semiconductor Technology Co., Ltd GS8554 Datasheet HTML 5Page - Gainsil Semiconductor Technology Co., Ltd GS8554 Datasheet HTML 6Page - Gainsil Semiconductor Technology Co., Ltd GS8554 Datasheet HTML 7Page - Gainsil Semiconductor Technology Co., Ltd GS8554 Datasheet HTML 8Page - Gainsil Semiconductor Technology Co., Ltd GS8554 Datasheet HTML 9Page - Gainsil Semiconductor Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
GS8551/8552/8554
March 2020-REV_V2
5/14
Typical Performance characteristics
Open Loop Gain, Phase Shift
vs. Frequency at +5V
Open Loop Gain, Phase Shift
vs. Frequency at +2.5V
Frequency (kHz)
Frequency (kHz)
Positive Overvoltage Recovery
Negative Overvoltage Recovery
Time (40µs/div)
Time (40µs/div)
0.1Hz to 10Hz Noise at +5V
0.1Hz to 10Hz Noise at +2.5V
Time (10s/div)
Time (10s/div)
VL=0pF
RL=∞
Phase Shift
Open Loop Gain
VL=0pF
RL=∞
Phase Shift
Open Loop Gain
VSY=
±2.5V
VIN=-200mVp-p
(RET to GND)
CL=0pF
RL=10kΩ
AV=-100
VSY=
±2.5V
VIN=-200mVp-p
(RET to GND)
CL=0pF
RL=10kΩ
AV=-100
G=10000
G=10000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com