Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8554 Datasheet(PDF) 6 Page - Gainsil Semiconductor Technology Co., Ltd

Part # GS8554
Description  1.8MHZ Zero-Drift CMOS Rail-to-Rail IO Opamp with RF Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAINSIL [Gainsil Semiconductor Technology Co., Ltd]
Direct Link  http://en.gainsil.com/index.php
Logo GAINSIL - Gainsil Semiconductor Technology Co., Ltd

GS8554 Datasheet(HTML) 6 Page - Gainsil Semiconductor Technology Co., Ltd

Back Button GS8554 Datasheet HTML 2Page - Gainsil Semiconductor Technology Co., Ltd GS8554 Datasheet HTML 3Page - Gainsil Semiconductor Technology Co., Ltd GS8554 Datasheet HTML 4Page - Gainsil Semiconductor Technology Co., Ltd GS8554 Datasheet HTML 5Page - Gainsil Semiconductor Technology Co., Ltd GS8554 Datasheet HTML 6Page - Gainsil Semiconductor Technology Co., Ltd GS8554 Datasheet HTML 7Page - Gainsil Semiconductor Technology Co., Ltd GS8554 Datasheet HTML 8Page - Gainsil Semiconductor Technology Co., Ltd GS8554 Datasheet HTML 9Page - Gainsil Semiconductor Technology Co., Ltd GS8554 Datasheet HTML 10Page - Gainsil Semiconductor Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
GS8551/8552/8554
March 2020-REV_V2
6/14
Application Note
Size
GS855X series op amps are unity-gain stable and suitable for a wide range of general-purpose applications. The small
footprints of the GS855X series packages save space on printed circuit boards and enable the design of smaller electronic
products.
Power Supply Bypassing and Board Layout
GS855X series operates from a single 1.8V to 5.5V supply or dual ±0.9V to ±2.75V supplies. For best performance, a 0.1µF
ceramic capacitor should be placed close to the VDD pin in single supply operation. For dual supply operation, both VDD and VSS
supplies should be bypassed to ground with separate 0.1µF ceramic capacitors.
Low Supply Current
The low supply current (typical 180µA per channel) of GS855X series will help to maximize battery life. They are ideal for
battery powered systems.
Operating Voltage
GS855X series operate under wide input supply voltage (1.8V to 5.5V). In addition, all temperature specifications apply from
-40
oC to +125 oC. Most behavior remains unchanged throughout the full operating voltage range. These guarantees ensure
operation throughout the single Li-Ion battery lifetime.
Rail-to-Rail Input
The input common-mode range of GS855X series extends 100mV beyond the supply rails (VSS-0.1V to VDD+0.1V). This is
achieved by using complementary input stage. For normal operation, inputs should be limited to this range.
Rail-to-Rail Output
Rail-to-Rail output swing provides maximum possible dynamic range at the output. This is particularly important when
operating in low supply voltages. The output voltage of GS855X series can typically swing to less than 5mV from supply rail in
light resistive loads (>100kΩ), and 60mV of supply rail in moderate resistive loads (10kΩ).
Capacitive Load Tolerance
The GS855x family is optimized for bandwidth and speed, not for driving capacitive loads. Output capacitance will create a
pole in the amplifier’s feedback path, leading to excessive peaking and potential oscillation. If dealing with load capacitance is
a requirement of the application, the two strategies to consider are (1) using a small resistor in series with the amplifier’s output
and the load capacitance and (2) reducing the bandwidth of the amplifier’s feedback loop by increasing the overall noise gain.
Figure 2. shows a unity gain follower using the series resistor strategy. The resistor isolates the output from the capacitance
and, more importantly, creates a zero in the feedback path that compensates for the pole created by the output capacitance.
Figure 2. Indirectly Driving a Capacitive Load Using Isolation Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com