Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8554 Datasheet(PDF) 1 Page - Gainsil Semiconductor Technology Co., Ltd

Part # GS8554
Description  1.8MHZ Zero-Drift CMOS Rail-to-Rail IO Opamp with RF Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAINSIL [Gainsil Semiconductor Technology Co., Ltd]
Direct Link  http://en.gainsil.com/index.php
Logo GAINSIL - Gainsil Semiconductor Technology Co., Ltd

GS8554 Datasheet(HTML) 1 Page - Gainsil Semiconductor Technology Co., Ltd

  GS8554 Datasheet HTML 1Page - Gainsil Semiconductor Technology Co., Ltd GS8554 Datasheet HTML 2Page - Gainsil Semiconductor Technology Co., Ltd GS8554 Datasheet HTML 3Page - Gainsil Semiconductor Technology Co., Ltd GS8554 Datasheet HTML 4Page - Gainsil Semiconductor Technology Co., Ltd GS8554 Datasheet HTML 5Page - Gainsil Semiconductor Technology Co., Ltd GS8554 Datasheet HTML 6Page - Gainsil Semiconductor Technology Co., Ltd GS8554 Datasheet HTML 7Page - Gainsil Semiconductor Technology Co., Ltd GS8554 Datasheet HTML 8Page - Gainsil Semiconductor Technology Co., Ltd GS8554 Datasheet HTML 9Page - Gainsil Semiconductor Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
GS8551/8552/8554
1.8MHZ Zero-Drift CMOS Rail-to-Rail IO Opamp with RF Filter
March 2020-REV_V2
1/14
Features
•
Single-Supply Operation from +1.8V ~ +5.5V
•
Rail-to-Rail Input / Output
•
Gain-Bandwidth Product: 1.8MHz (Typ@25°C)
•
Low Input Bias Current: 20pA (Typ@25°C)
•
Low Offset Voltage: 30µV (Max@25°C)
•
Quiescent Current: 180µA per Amplifier (Typ)
•
Operating Temperature: -45°C ~ +125°C
•
Zero Drift: 0.01µV/
oC (Typ)
•
Embedded RF Anti-EMI Filter
•
Small Package:
GS8551 Available in SOT23-5 and SOP-8 Packages
GS8552 Available in MSOP-8 and SOP-8 Packages
GS8554 Available in SOP-14 and TSSOP-14 Packages
General Description
The GS855X amplifier is single/dual/quad supply, micro-power, zero-drift CMOS operational amplifiers, the amplifiers offer
bandwidth of 1.8MHz, rail-to-rail inputs and outputs, and single-supply operation from 1.8V to 5.5V. GS855X uses chopper
stabilized technique to provide very low offset voltage (less than 30µV maximum) and near zero drift over temperature. Low
quiescent supply current of 180µA per amplifier and very low input bias current of 20pA make the devices an ideal choice for low
offset, low power consumption and high impedance applications. The GS855X offers excellent CMRR without the crossover
associated with traditional complementary input stages. This design results in superior performance for driving analog-to-digital
converters (ADCs) without degradation of differential linearity.
The GS8551 is available in SOT23-5 and SOP-8 packages. And the GS8552 is available in MSOP-8 and SOP-8 packages. The
GS8554 Quad is available in Green SOP-14 and TSSOP-14 packages. The extended temperature range of -45
oC to +125oC
over all supply voltages offers additional design flexibility.
Applications
•
Transducer Application
•
Temperature Measurements
•
Electronics Scales
•
Handheld Test Equipment
•
Battery-Powered Instrumentation
Pin Configuration
1
2
4
3
NC
INA-
INA+
VSS
VDD
OUT
NC
NC
8
7
5
6
SOP-8
GS8551
Figure 1. Pin Assignment Diagram
深圳市启烨科技有限公司
林先生
  15818963559


Similar Part No. - GS8554

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS8-1 ETC2-GS8-1 Datasheet
43Kb / 3P
RING TONGUE TERMINAL Non-insulated DIN 46234
logo
JST Mfg. Co., Ltd.
GS8-1 JST-GS8-1 Datasheet
52Kb / 3P
RING TONGUE Non-insulated
logo
List of Unclassifed Man...
GS8-10 ETC2-GS8-10 Datasheet
43Kb / 3P
RING TONGUE TERMINAL Non-insulated DIN 46234
logo
JST Mfg. Co., Ltd.
GS8-10 JST-GS8-10 Datasheet
52Kb / 3P
RING TONGUE Non-insulated
logo
List of Unclassifed Man...
GS8-120 ETC2-GS8-120 Datasheet
43Kb / 3P
RING TONGUE TERMINAL Non-insulated DIN 46234
More results

Similar Description - GS8554

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5731 E-CMOS-EC5731 Datasheet
821Kb / 13P
350kHz, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
EC5732 E-CMOS-EC5732 Datasheet
856Kb / 13P
350kHz, Low Power ,Zero-Drift, CMOS, Dual Rail-to-Rail Operational Amplifier with RF Filter
logo
Zhaoxingwei Electronics...
ISL28130CHZ ZHAOXINGWEI-ISL28130CHZ Datasheet
1Mb / 11P
350kHz, Zero-Drift, CMOS,Rail-to-Rail Operational Amplifier
logo
Shenzhen Huazhimei Semi...
LMV321 HMSEMI-LMV321 Datasheet
1Mb / 16P
1MHZ CMOS Rail-to-Rail IO Opamp with RF Filter
logo
AiT Semiconductor Inc.
AO1369 AITSEMI-AO1369 Datasheet
854Kb / 12P
600nA 14.5kHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
AO1378 AITSEMI-AO1378 Datasheet
1,000Kb / 13P
1.8MHZ ZERO-DRIFT CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
AO321V AITSEMI-AO321V Datasheet
1Mb / 14P
1MHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.1
AO324V AITSEMI-AO324V Datasheet
1Mb / 13P
1MHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
AO358V AITSEMI-AO358V Datasheet
1Mb / 13P
1MHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
logo
TECH PUBLIC Electronics...
TPV321S5 TECHPUBLIC-TPV321S5 Datasheet
4Mb / 8P
1MHZ CMOS Rail-to-Rail IO Opamp With RF Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com