Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL4822 Datasheet(PDF) 2 Page - NVE Corporation

Part # IL4822
Description  High-Speed Isolated RS-422 / RS-485 Transceivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL4822 Datasheet(HTML) 2 Page - NVE Corporation

  IL4822 Datasheet HTML 1Page - NVE Corporation IL4822 Datasheet HTML 2Page - NVE Corporation IL4822 Datasheet HTML 3Page - NVE Corporation IL4822 Datasheet HTML 4Page - NVE Corporation IL4822 Datasheet HTML 5Page - NVE Corporation IL4822 Datasheet HTML 6Page - NVE Corporation IL4822 Datasheet HTML 7Page - NVE Corporation IL4822 Datasheet HTML 8Page - NVE Corporation IL4822 Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
IL4822 / IL4622 / IL4685
2
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@ www.nve.com
Truth Tables
IL4x22 Receiver
RE
R
V(A−B)
H
Z
X
L
H
≥ 200 mV
L
L
≤−200 mV
L
H
Open
IL4x22 Driver
DE
D
V(Y−Z)
L
X
Z
H
H
≥ 2 V
H
L
≤−2 V
IL4685
VID (A-B)
DE
RE
R
D
Mode
Notes
≥ 200 mV
L
L
H
X
Receive
≤−200mV
L
L
L
X
Open
L
L
H
X
A/B failsafe
≥ 1.5 V
H
L
H
H
Drive
R reads back
D information
≤−1.5 V
H
L
L
L
≥ 1.5 V
H
H
Z
H
R tri-state
(no output)
≤−1.5 V
H
H
Z
L
X
L
H
Z
X
Disabled
R tri-state;
A/B failsafe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com