Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL4822 Datasheet(PDF) 12 Page - NVE Corporation

Part # IL4822
Description  High-Speed Isolated RS-422 / RS-485 Transceivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL4822 Datasheet(HTML) 12 Page - NVE Corporation

Back Button IL4822 Datasheet HTML 8Page - NVE Corporation IL4822 Datasheet HTML 9Page - NVE Corporation IL4822 Datasheet HTML 10Page - NVE Corporation IL4822 Datasheet HTML 11Page - NVE Corporation IL4822 Datasheet HTML 12Page - NVE Corporation IL4822 Datasheet HTML 13Page - NVE Corporation IL4822 Datasheet HTML 14Page - NVE Corporation IL4822 Datasheet HTML 15Page - NVE Corporation IL4822 Datasheet HTML 16Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
IL4822 / IL4622 / IL4685
12
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@ www.nve.com
Thermal Management
An IL46xx transceiver node can be operated at worst-case loading, data rate, and ambient temperature without exceeding the
maximum DC-to-DC convertor output current, maximum die temperature or package power rating. As shown in Figure 18, worst-
case power consumption for a node such as that shown in Figure 20 is less that 1.2 watts. Junction-to-ambient thermal resistance is
46 °C/W with a 2s2p circuit board, so the temperature rise is 55 °C and the die temperature is within the 140 °C maximum at the
85 °C maximum ambient.
If additional nodes are powered by the DC-to-DC convertor or additional power is needed from the DC-to-DC convertor, however,
care should be taken to ensure the die temperature does not exceed its 140 °C maximum operating temperature, and that the total
power dissipation does not exceed the 1.5 watt package maximum. The following sections summarize some thermal management
considerations in these situations.
Board Layout
If possible, use a double sided, double buried power plane (“2s2p”) board to maximize thermal performance. Thermal vias should
be used between the power plane and the board surfaces. All four IC ground pins should be connected, with wide traces to help
cool the leadframe.
Use Low-Power, Fractional-Load Transceivers
Transceivers such as the NVE IL3685P are fractional load to minimize the drive current required by transmitting nodes and, if
powered by the IL46xx, uses less bus power than other transceivers.
Avoid Termination Resistors with Shorter Bus Cables
Termination resistors minimize reflections, which can be important for long cable lengths. However, these resistors significantly
increase output drive current and may not be necessary with short bus cables.
Full Duplex Uses Less Power
Full-duplex RS-422 buses have only one transmitter per bus and therefore only need one termination resistor, typically 120 Ω.
Half-duplex RS-485 networks with long cables, however, are generally terminated on both ends because either end can receive
data. This doubles the power dissipated in the termination resistors.
No External “Fail-Safe” Resistors
The transceivers are designed to be “full fail-safe,” so “fail-safe” pull-up and pull-down bias resistors are generally unnecessary
and use power.
Minimize Data Rate
The transceiver draws more power at higher frequency, so the data rate should not be higher than necessary to minimize
transceiver power.
Limit Transmission Time
The transceivers use less power receiving than transmitting, and much less if there are termination resistors. Average power
dissipation can be reduced considerably by disabling the driver (DE = LOW) when not transmitting data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com