Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL4822 Datasheet(PDF) 13 Page - NVE Corporation

Part # IL4822
Description  High-Speed Isolated RS-422 / RS-485 Transceivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL4822 Datasheet(HTML) 13 Page - NVE Corporation

Back Button IL4822 Datasheet HTML 9Page - NVE Corporation IL4822 Datasheet HTML 10Page - NVE Corporation IL4822 Datasheet HTML 11Page - NVE Corporation IL4822 Datasheet HTML 12Page - NVE Corporation IL4822 Datasheet HTML 13Page - NVE Corporation IL4822 Datasheet HTML 14Page - NVE Corporation IL4822 Datasheet HTML 15Page - NVE Corporation IL4822 Datasheet HTML 16Page - NVE Corporation IL4822 Datasheet HTML 17Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
IL4822 / IL4622 / IL4685
13
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@ www.nve.com
Maintaining Creepage
Creepage distances are often critical in isolated circuits. In addition to meeting JEDEC standards, NVE isolator packages have
unique creepage specifications. Standard pad libraries often extend under the package, compromising creepage and clearance.
Similarly, ground planes, if used, should be spaced to avoid compromising clearance. Package drawings and recommended pad
layouts are included in this datasheet.
Inherently Low EMI
Electromagnetic compatibility is regulated by international standards such as IEC 61000-4-x and CISPR 32. Although system-
level performance depends on board design and layout, these components incorporate features to reduce radiated EMI.
The DC-to-DC convertor oscillator operates above 88 MHz, where emission limits are higher since there is less risk of interference
with common commercial radio and television broadcasting.
Frequency-hopping technology dramatically reduces peak EMI, and synchronous rectification and PWM control are avoided,
resulting in inherently low EMI. This inherently low EMI eliminates the need for shielding or external mitigation components such
as ferrite beads. The parts are fully EN 55032 CISPR 32 Class B compliant with no EMI mitigation components and only 12 pF of
input-to-output stitching capacitance. The capacitance can be created in a four-layer PCB by extending the GND1 and GND2
ground planes into the PCB isolation area. External stitching capacitor components are generally not recommended due to parasitic
inductance above one gigahertz. See Fig. 23 for a typical schematic, and Application Bulletin AB-29 for a recommended PCB
layout.
High Magnetic Immunity
These parts are fully compliant with IEC 61000-6-1 and IEC 61000-6-2 magnetic immunity standards.
The IsoLoop Isolator’s Wheatstone bridge configuration and differential magnetic field signaling ensure excellent EM
immunity. Immunity to external magnetic fields is even higher if the field direction is “end-to-end” (rather than to “pin-
to-pin”) as shown at right.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com