Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58BW016DB Datasheet(PDF) 51 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 51 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 47Page - STMicroelectronics M58BW016DB Datasheet HTML 48Page - STMicroelectronics M58BW016DB Datasheet HTML 49Page - STMicroelectronics M58BW016DB Datasheet HTML 50Page - STMicroelectronics M58BW016DB Datasheet HTML 51Page - STMicroelectronics M58BW016DB Datasheet HTML 52Page - STMicroelectronics M58BW016DB Datasheet HTML 53Page - STMicroelectronics M58BW016DB Datasheet HTML 54Page - STMicroelectronics M58BW016DB Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 69 page
background image
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
DC and AC parameters
51/69
Table 21.
Reset, Power-down and Power-up AC characteristics
Symbol
Parameter
Min
Max
Unit
tPHEL
Reset/Power-down High to Chip Enable Low
50
ns
tPHLL
Reset/Power-down High to Latch Enable Low
50
ns
tPHQV
(1)
1.
This time is tPHEL + tAVQV or tPHEL + tELQV.
Reset/Power-down High to Output Valid
95
ns
tPHWL
Reset/Power-down High to Write Enable Low
50
ns
tPHGL
Reset/Power-down High to Output Enable Low
50
ns
tPLPH
Reset/Power-down Low to Reset/Power-down High
100
ns
tPHRH
(1)
Reset/Power-down High to Valid Data Ready High
95
tVDHPH Supply voltages High to Reset/Power-down High
M58BW016DT/B
10
µs
M58BW016FT/B
50
µs
tPLRZ
Reset/Power-down Low to Data Ready High Impedance
80
ns
tWLRH
Write Enable Low to Data Ready High Impedance
80
ns
tGLRH
Output Enable Low to Data Ready High Impedance
80
ns
tELRH
Chip Enable Low to Data Ready High Impedance
80
ns
tLLRH
Latch Enable Low to Data Ready High Impedance
80
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com