Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP559 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP559
Description  Switching Power Supply Feedback Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP559 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP559 Datasheet HTML 1Page - Toshiba Semiconductor TLP559 Datasheet HTML 2Page - Toshiba Semiconductor TLP559 Datasheet HTML 3Page - Toshiba Semiconductor TLP559 Datasheet HTML 4Page - Toshiba Semiconductor TLP559 Datasheet HTML 5Page - Toshiba Semiconductor TLP559 Datasheet HTML 6Page - Toshiba Semiconductor TLP559 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TLP559
2007-10-01
4
Test Circuit 1: Switching Time Test Circuit
Test Circuit 2: Common Mode Noise Immunity Test Circuit
s)
(
f
t
320(V)
L
CM
s)
(
r
t
320(V)
H
CM
μ
=
,
μ
=
IF
VO
0
5V
1.5V
VOL
1.5V
tpHL
tpLH
VCC = 5V
VO
Pulse input
Output
monitor
RL
6
4
3
1
5
7
PW=100μs
Duty ratio=1 / 10
IF monitor
IF
8
2
VCM
400V
VO
(IF=0mA)
VO
(IF=16mA)
0V
5V
2V
0.8V
VOL
10%
90%
tf
tr
VCC=5V
VO
Output
monitor
RL
6
4
3
1
5
7
IF
8
2
VCM
Pulse generator
ZO=50Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com