Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP559 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP559
Description  Switching Power Supply Feedback Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP559 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP559 Datasheet HTML 1Page - Toshiba Semiconductor TLP559 Datasheet HTML 2Page - Toshiba Semiconductor TLP559 Datasheet HTML 3Page - Toshiba Semiconductor TLP559 Datasheet HTML 4Page - Toshiba Semiconductor TLP559 Datasheet HTML 5Page - Toshiba Semiconductor TLP559 Datasheet HTML 6Page - Toshiba Semiconductor TLP559 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TLP559
2007-10-01
5
Forward voltage VF (V)
IF – VF
100
1.0
1
10
0.1
1.2
1.4
1.6
1.8
2.0
0.01
Ta = 25°C
50
30
5
3
0.5
0.3
0.05
0.03
0.1
−2.2
−2.4
−2.6
−1.4
0.5
0.3
−2.0
−1.8
−1.6
1
3
10
5
ΔVF / ΔTa – IF
Forward current IF (mA)
30
Ambient temperature Ta (℃)
IOH (1) – Ta
300
1
100
50
3
10
5
30
0.6
160
120
80
40
0
Forward current IF (mA)
lO – IF
0.1
1
3
10
0.01
0.5
0.3
0.3
0.1
0.03
1
30
100
50
300
10
3
5
0.05
0.5
5
VCC = 5V
VO = 0.4V
Ta = 25°C
IO / IF – IF
Forward current IF (mA)
100
50
30
10
5
3
1
0.3
1
0.5
3
10
30
50
VCC = 5V
VO = 0.4V
5
Ambient temperature Ta (℃)
IO / IF – Ta
60
40
0
20
−20
−40
0.2
0
80
0.6
0.4
0.8
1.2
1.0
100
Normalized To :
IF = 16mA
VCC = 4.5V
VO = 0.4V
Ta = 25°C
Ta = –25°C
25°C
100°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com