Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP559 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP559
Description  Switching Power Supply Feedback Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP559 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP559 Datasheet HTML 1Page - Toshiba Semiconductor TLP559 Datasheet HTML 2Page - Toshiba Semiconductor TLP559 Datasheet HTML 3Page - Toshiba Semiconductor TLP559 Datasheet HTML 4Page - Toshiba Semiconductor TLP559 Datasheet HTML 5Page - Toshiba Semiconductor TLP559 Datasheet HTML 6Page - Toshiba Semiconductor TLP559 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP559
2007-10-01
3
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 16mA
―
1.65
1.85
V
Forward voltage
temperature coefficient
ΔVF / ΔTa
IF = 16mA
―
−2
―
mV / °C
Reverse current
IR
VR = 5V
―
―
10
μA
Capacitance between
terminal
CT
VF = 0, f = 1MHz
―
45
―
pF
IOH (1)
IF = 0mA, VCC = VO = 5.5V
―
3
500
nA
IOH (2)
IF = 0mA, VCC = VO = 15V
―
―
5
High level output current
IOH
IF = 0mA, VCC = 15V
VO = 15V, Ta = 70°C
―
―
50
μA
High level supply voltage
ICCH
IF = 0mA, VCC = 15V
―
0.01
1
μA
Current transfer ratio
IO / IF
IF = 16mA, VCC = 4.5V
VO = 0.4V
20
40
―
%
Low level output voltage
VOL
IF = 16mA, VCC = 4.5V
IO = 2.4mA
―
―
0.4
V
Resistance (input
−output)
RS
R.H. ≤ 60%, VS = 500VDC
(Note 7)
5×10
10
10
14
―
Ω
Capacotance (input
−output)
CS
VS = 0, f = 1MHz
(Note 7)
―
0.8
―
pF
Switching Characteristics (Ta = 25°C、VCC = 5V)
Characteristic
Symbol
Test
Cir
−
cuit
Test Condition
Min.
Typ.
Max.
Unit
Propagation delay time
(H→ L)
tpHL
―
0.2
0.8
μs
Propagation delay time
(L→ H)
tpLH
1
IF = 16mA, RL = 1.9kΩ
―
0.3
0.8
μs
Common mode transient
immunity at logic high
output
(Note 8)
CMH
IF = 0mA, VCM = 400Vp−p
RL = 4.1kΩ
2000
10000
―
V / μs
Common mode transient
immunity at logic high
output
(Note 8)
CML
2
IF =16mA, VCM = 400Vp−p
RL = 4.1kΩ
−2000 −10000
―
V / μs
(Note 8) CML is the maximum rate of fall of the common mode voltage that can be sustained with the output voltage
in the logic low state (VO < 0.8V).
CMH is the maximum rate of rise of the common mode voltage that can be sustained with the output voltage
in the logic high state (VO < 2.0V).
(Note 9) Maximum electrostatic discharge voltage for any pins: 100V (C = 200pF, R = 0)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com