Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDP142 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TDP142
Description  TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP142 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 17Page - Texas Instruments TDP142 Datasheet HTML 18Page - Texas Instruments TDP142 Datasheet HTML 19Page - Texas Instruments TDP142 Datasheet HTML 20Page - Texas Instruments TDP142 Datasheet HTML 21Page - Texas Instruments TDP142 Datasheet HTML 22Page - Texas Instruments TDP142 Datasheet HTML 23Page - Texas Instruments TDP142 Datasheet HTML 24Page - Texas Instruments TDP142 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Table 7-7. DisplayPort_2 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5-4
RESERVED
R/W
0x0
Reserved
3
DP3_DISABLE
R/W
0x0
When AUX_SNOOP_DISABLE = 1b, this field can be used to enable
or disable DP lane 3. When AUX_SNOOP_DISABLE = 0b, changes
to this field have no effect on lane 3 functionality.
0x0 = DP Lane 3 enabled.
0x1 = DP Lane 3 disabled.
2
DP2_DISABLE
R/W
0x0
When AUX_SNOOP_DISABLE = 1b, this field can be used to enable
or disable DP lane 2. When AUX_SNOOP_DISABLE = 0b, changes
to this field have no effect on lane 2 functionality.
0x0 = DP Lane 2 enabled.
0x1 = DP Lane 2 disabled.
1
DP1_DISABLE
R/W
0x0
When AUX_SNOOP_DISABLE = 1b, this field can be used to enable
or disable DP lane 1. When AUX_SNOOP_DISABLE = 0b, changes
to this field have no effect on lane 1 functionality.
0x0 = DP Lane 1 enabled.
0x1 = DP Lane 1 disabled.
0
DP0_DISABLE
R/W
0x0
When AUX_SNOOP_DISABLE = 1b, this field can be used to enable
or disable DP lane 0. When AUX_SNOOP_DISABLE = 0b, changes
to this field have no effect on lane 0 functionality.
0x0 = DP Lane 0 enabled.
0x1 = DP Lane 0 disabled.
7.1.6 VOD_CTRL Register (Offset = 0x32) [reset = 0x40]
VOD_CTRL is shown in Table 7-8.
Return to the Summary Table.
This register controls the transmitters output linearity range.
Table 7-8. VOD_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
Reserved
R/W
0x1
Reserved
5-4
DP_VOD
R/W
0x0
VOD linearity control for DP paths.
0x0 = LINR_L3 (highest)
0x1 = LINR_L2
0x2 = LINR_L1
0x3 = LINR_L0 (lowest)
3-0
Reserved
R/W
0x0
Reserved
www.ti.com
TDP142-Q1
SLLSG10A – NOVEMBER 2024 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TDP142-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com