Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDP142 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TDP142
Description  TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP142 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 8Page - Texas Instruments TDP142 Datasheet HTML 9Page - Texas Instruments TDP142 Datasheet HTML 10Page - Texas Instruments TDP142 Datasheet HTML 11Page - Texas Instruments TDP142 Datasheet HTML 12Page - Texas Instruments TDP142 Datasheet HTML 13Page - Texas Instruments TDP142 Datasheet HTML 14Page - Texas Instruments TDP142 Datasheet HTML 15Page - Texas Instruments TDP142 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
6 Detailed Description
6.1 Overview
The TDP142-Q1 is a DisplayPort linear redriver that supports up to 8.1Gbps for each lane. Additionally, the
transparency of the device to the DP link training makes the TDP142-Q1 a position independent device designed
for source/sink or cable applications.
The TDP142-Q1 helps the system to pass compliance of both transmitter and receiver for DisplayPort version
1.4 HBR3. The redriver recovers incoming data by applying equalization that compensates for channel loss,
and drives out signals with a high differential voltage. Each channel has a receiver equalizer with selectable
gain settings. Set the equalization based on the amount of insertion loss before the TDP142-Q1 receivers. The
equalization control can be controlled by DPEQ[1:0] pins or I2C registers.
The device ultra-low-power architecture operates at a 3.3V power supply and achieves enhanced performance.
Also, the TDP142-Q1 comes in a commercial temperature range and industrial temperature range.
6.2 Functional Block Diagram
INDP0p
INDP0n
INDP3p
INDP3n
I2C_EN
A0
TEST2/SDA
TEST1/SCL
VCC
AUXp
AUXn
OUTDP3n
OUTDP3p
SNOOPENZ/RSVD8
OUTDP2n
OUTDP2p
HPDIN/RSVD9
EQ
EQ
EQ
EQ
Driver
Driver
VREG
Control Logic and Registers
DPEQ_SEL
DPEQ_SEL
INDP1p
INDP1n
INDP2p
INDP2n
DPEN/HPDIN
Copyright © 2017, Texas Instruments Incorporated
DPEQ_SEL
DPEQ_SEL
DPEQ_SEL
OUTDP0p
OUTDP0n
Driver
OUTDP1p
OUTDP1n
Driver
DPEQ0/A1
DPEQ1
I2C
Slave
AUX
Snooping
TDP142-Q1
SLLSG10A – NOVEMBER 2024 – REVISED FEBRUARY 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TDP142-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com