Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA84006F/FG Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TA84006F/FG
Description  Three-Phase Wave Motor Driver IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA84006F/FG Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TA84006F/FG Datasheet HTML 3Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 4Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 5Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 6Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 7Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 8Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 9Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 10Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TA84006F/FG
2006-3-6
7
Functions
Input
Output
IN-P
IN-N
Upper Power
Transistor
Lower Power
Transistor
High
High
ON
OFF
High
Low
High
ON
ON
Prohibit mode
(Note 4)
High
Low
OFF
OFF
High impedance
Low
Low
OFF
ON
Low
Connecting the TB6548F/FG (or TB6537P/PG/F/FG) to the TA84006F/FG allows electric motors to be controlled
by PWM.
Note 4: In Prohibit Mode, the output power transistor goes into vertical ON mode and through current may damage
the circuit. Do not use the TA84006F/FG in this mode.
This mode is not actuated when the TA84006F/FG is connected to the TB6548F/FG or TB6537P/PG/F/FG,
but can be triggered by input noise during standalone testing.
<Schematic>
<Lower PWM>
Connecting the TA84006F/FG to the TB6537P/PG/F/FG controls the lower PWM.
At chopping ON, the diagonally output power transistors are ON.
At chopping OFF, the lower transistor is OFF, regenerating the motor current via the upper diode
(incorporating the Pch-MOS).
TB6548F/FG
(TB6537P/
PG/F/FG)
OUT-P
OUT-N
Low active
High active
IN-P
IN-N
VM
OUT
VM
VOUT
ON
Pch-MOS
OFF
<Coil current route>
When chopping is ON
When chopping is OFF
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com