Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA84006F/FG Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part # TA84006F/FG
Description  Three-Phase Wave Motor Driver IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA84006F/FG Datasheet(HTML) 16 Page - Toshiba Semiconductor

Back Button TA84006F/FG Datasheet HTML 12Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 13Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 14Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 15Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 16Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 17Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 18Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 19Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 20Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
TA84006F/FG
2006-3-6
16
Test Circuit 9: VCMP, VOL (CMP), ROH (CMP)
(1)
Where output phase 2 is High (10.92 V) and phase 1 is Low (
= 9.88 V), set SW1 = A and measure
V2
= VOL (CMP).
(2)
Where output phase 1 is High (10.92 V) and phase 2 is Low (9.88 V), set SW1 = B and confirm that
5 V
× 10 kΩ/(10 kΩ + 13 kΩ) < V2 < 5 V × 10 kΩ/(10 kΩ + 7 kΩ).
Test Circuit 10: VRF, VOH (ISD), VOL (ISD)
(1)
Where VISD
= 0.55 V, set SW2 = A and measure V3 = VOH (ISD).
(2)
Where VISD
= 0.45 V, set SW2 = B and measure V3 = VOL (ISD).
17
1
2
27
29
4
10
11
12
13
14
15
18
19
28
30
3
6
25
16
7
24
21
20
9
TA84006F/FG
V2
V
10 k
Ω
B
SW1
A
17
1
2
27
29
4
10
11
12
13
14
15
18
19
28
30
3
6
25
16
7
24
21
20
9
TA84006F/FG
V3
V
0.1 mA
B
SW2
A
0.1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com