Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA84006F/FG Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TA84006F/FG
Description  Three-Phase Wave Motor Driver IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA84006F/FG Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TA84006F/FG Datasheet HTML 6Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 7Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 8Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 9Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 10Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 11Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 12Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 13Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TA84006F/FG
2006-3-6
10
<Example of 24 V support>
• Incorporate a Zener diode and make the external connections shown in the diagram below. Design the
device so that the voltage applied to the VM is clamped at 22 V below the maximum operating power
supply voltage.
• A capacitor is needed to control the effect of the counter-electromotive force.
Verification is particularly necessary when the motor current is large at startup or at shutdown (output
OFF).
Vz pin fluctuation width
20.9 V to 23.1 V
Due to the temperature characteristics (3.5
× 3 mV/°C),
the following applies at an ambient temperature of 85°C:
Vz (max) = 23.1 + (85 − 25) × 3.5 × 3 mV
= 23.73 V
By taking the measures shown in the diagram on the right to bring
the voltage down to 22 V, the following becomes the case:
Vz (max) = 23.73 − (0.7 − 2 mV × (85 − 25) ) × 3
= 21.99 V
24 V
VM
VZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com