Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U385CG Datasheet(PDF) 109 Page - STMicroelectronics

Part # STM32U385CG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 105Page - STMicroelectronics STM32U385CG Datasheet HTML 106Page - STMicroelectronics STM32U385CG Datasheet HTML 107Page - STMicroelectronics STM32U385CG Datasheet HTML 108Page - STMicroelectronics STM32U385CG Datasheet HTML 109Page - STMicroelectronics STM32U385CG Datasheet HTML 110Page - STMicroelectronics STM32U385CG Datasheet HTML 111Page - STMicroelectronics STM32U385CG Datasheet HTML 112Page - STMicroelectronics STM32U385CG Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 224 page
background image
Symbol
Parameter
Typ
Max(3)
Unit
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD (ICRAM)
µA
ICACHE SRAM static consumption
(ICRAMPDS = 1 vs. ICRAMPDS = 0)
0.13
0.32
1.30
2.8
0.46
0.96
3.9
8.4
IDD (PRAM)
FDCAN and USB SRAM static
consumption (PRAMPDS = 1 vs.
PRAMPDS = 0)
0.11
0.16
0.44
0.81
0.40
0.48
1.4
2.5
IDD (PKARAM)
PKA SRAM static consumption
(PKARAMPDS = 1 vs.
PKARAMPDS = 0)
0.11
0.18
0.68
1.25
0.38
0.54
2.1
3.8
1. SRAM1 total consumption is 2 x IDD(SRAM1_16kB) + 5 × IDD(SRAM1_32kB).
2. SRAM2 total consumption is IDD(SRAM2_32kB) + IDD(SRAM2_24kB) + IDD(SRAM2_8kB).
3. Evaluated by characterization. Not tested in production.
Table 51. Current consumption during wake-up from Stop 2 mode on LDO
Symbol
Parameter
Conditions
Typ
Unit
VDD
25°C
QDD (wake-up from
Stop 2)
Electrical charge
consumed during
wake-up from Stop 2
mode
Wake-up clock is MSI 48 MHz
3.0
12
nAs
Wake-up clock is HSI 16 MHz
12
Wake-up clock is MSI 3 MHz
18
Table 52. Current consumption in Stop 2 mode on SMPS
Symbol
Parameter
Conditions
Typ
Max(2)
Unit
VDD
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD
(Stop 2)
Supply current in Stop 2
mode, RTC disabled, 8 KB
SRAM2 + ICACHE retained
1.8
6.2
20
61.5
125
23
60
190
380
µA
2.4
4.7
15.5
47.5
96.5
17
47
150
290
3
4.0
13
40
81.0
15
39
120
250
3.3
3.8
12.5
37.5
77
14
38
120
240
3.6
4.1
12
36.5
74.5
15
36
110
230
Supply current in Stop 2
mode, RTC disabled, all
SRAMs retained
1.8
7.5
23.5
74.5
155
28
71
230
470
2.4
5.7
18
57
120
21
54
180
360
3
4.8
15
47.5
99.5
18
45
150
300
3.3
4.6
14.5
45
93.5
17
44
140
290
3.6
4.7
14
43.5
90
17
42
140
270
IDD
(Stop 2
with
RTC)
Supply current in Stop 2
mode, RTC(1) clocked by LSI
32 kHz, 8 KB
SRAM2 + ICACHE retained
1.8
6.5
20.5
62
125
24
62
190
380
2.4
5.1
16
48
97
19
48
150
300
3
4.4
13.5
40.5
81.5
16
41
130
250
3.3
4.3
13
38.5
77.5
16
39
120
240
3.6
4.6
13
37
75
17
39
120
230
Supply current in Stop 2
mode, RTC(1) clocked by LSI
250 Hz, 8 KB
SRAM2 + ICACHE retained
1.8
6.3
20
61.5
125
23
60
190
380
2.4
4.8
15.5
48
96.5
18
47
150
290
3
4.1
13
40
81.5
15
39
120
250
3.3
4.0
12.5
38
77
15
38
120
240
3.6
4.2
12.5
37
74.5
15
38
120
230
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 109/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com