Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U385CG Datasheet(PDF) 117 Page - STMicroelectronics

Part # STM32U385CG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG Datasheet(HTML) 117 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 113Page - STMicroelectronics STM32U385CG Datasheet HTML 114Page - STMicroelectronics STM32U385CG Datasheet HTML 115Page - STMicroelectronics STM32U385CG Datasheet HTML 116Page - STMicroelectronics STM32U385CG Datasheet HTML 117Page - STMicroelectronics STM32U385CG Datasheet HTML 118Page - STMicroelectronics STM32U385CG Datasheet HTML 119Page - STMicroelectronics STM32U385CG Datasheet HTML 120Page - STMicroelectronics STM32U385CG Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 224 page
background image
Symbol
Parameter
Conditions
Typ
Max (2)
Unit
VDD
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD
(SRAM2)
Supply
current to be
added in
Standby
mode when
full SRAM2
and
BKPSRAM
are retained
LDO
1.8
1.19
3.3
12
26
4.3
10
35
78
µA
2.4
1.15
3.3
11
26
4.2
11
35
78
3
1.13
3.4
12
26
4.1
11
35
77
3.3
1.14
3.3
11
26
4.2
10
34
77
3.6
1.14
3.3
11
26
4.1
10
35
77
IDD
(SRAM2
_8K)
Supply
current to be
added in
Standby
mode when
SRAM2
8 KB page 1
is retained
1.8
0.43
1.2
4.1
9.4
1.6
3.6
13
29
2.4
0.40
1.2
4.3
9.3
1.5
3.8
13
28
3
0.45
1.3
4.2
9.0
1.7
3.8
13
27
3.3
0.53
1.4
4.2
9.2
2.0
4.2
13
28
3.6
0.39
1.2
4.0
9.0
1.4
3.5
12
27
IDD
(SRAM2)
Supply
current to be
added in
Standby
mode when
full SRAM2
is retained
SMPS
1.8
0.63
1.7
5.5
12.4
2.3
5.1
17
38
2.4
0.40
1.2
4.1
9.3
1.5
3.6
13
28
3
0.35
1.0
3.3
7.5
1.3
3.0
10
23
3.3
0.33
0.9
3.0
6.7
1.2
2.7
9.0
20
3.6
0.29
0.7
2.6
6.0
1.1
2.1
7.7
18
IDD
(SRAM2
_8K)
Supply
current to be
added in
Standby
mode when
SRAM2
8 KB page 1
is retained
1.8
0.29
0.7
2.2
4.9
1.1
2.1
6.5
15
2.4
0.17
0.5
1.5
3.3
0.6
1.4
4.5
10
3
0.14
0.4
1.2
2.5
0.51
1.2
3.6
7.5
3.3
0.13
0.3
1.1
2.2
0.47
1.0
3.2
6.5
3.6
0.11
0.2
0.7
2.0
0.40
0.6
2.1
6.0
Table 62. Current consumption during wake-up from Standby mode
Symbol
Parameter
Conditions
Typ
Unit
VDD
25°C
QDD (wakeup from
Standby)
Electrical charge
consumed during
wakeup from
Standby mode
Wake-up clock is MSI
12 MHz
3
2.5
uAs
Wake-up clock is MSI
3 MHz
2.5
Table 63. Current consumption in Shutdown mode
Symbol
Parameter
Conditions
Typ
Max (1)
Unit
VDD
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD
(Shutdown)
Supply
current in
Shutdown
mode (backup
registers
retained),
RTC disabled
-
1.8
0.12
0.4
1.7
4.3
0.58
1.3
4.2
11
µA
2.4
0.14
0.4
1.8
4.6
0.64
1.3
4.5
12
3
0.20
0.6
2.2
5.4
0.75
1.6
5.5
14
3.3
0.36
0.9
3.0
6.7
1.2
2.4
7.4
17
3.6
0.82
1.8
4.4
8.9
2.6
4.4
11
23
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 117/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com