Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4515BCWM Datasheet(PDF) 2 Page - SYC Electronica

Part # CD4515BCWM
Description  4-Bit Latched/4-to-16 Line Decoders
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4515BCWM Datasheet(HTML) 2 Page - SYC Electronica

  CD4515BCWM Datasheet HTML 1Page - SYC Electronica CD4515BCWM Datasheet HTML 2Page - SYC Electronica CD4515BCWM Datasheet HTML 3Page - SYC Electronica CD4515BCWM Datasheet HTML 4Page - SYC Electronica CD4515BCWM Datasheet HTML 5Page - SYC Electronica CD4515BCWM Datasheet HTML 6Page - SYC Electronica CD4515BCWM Datasheet HTML 7Page - SYC Electronica CD4515BCWM Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Truth Table
Decode Truth Table (Strobe
= 1)
X
= Don’t Care
Logic Diagram
Data Inputs
Selected Output
Inhibit
D
C
B
A
CD4514
= Logic “1”
CD4515
= Logic “0”
0
0
0
0
0
S0
0
0
0
0
1
S1
0
0
0
1
0
S2
0
0
0
1
1
S3
0
0
1
0
0
S4
0
0
1
0
1
S5
0
0
1
1
0
S6
0
0
1
1
1
S7
0
1
0
0
0
S8
0
1
0
0
1
S9
0
1
0
1
0
S10
0
1
0
1
1
S11
0
1
1
0
0
S12
0
1
1
0
1
S13
0
1
1
1
0
S14
0
1
1
1
1
S15
1
X
X
X
X
All Outputs
= 0, CD4514
All Outputs
= 1, CD4515
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com