Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4515BCWM Datasheet(PDF) 4 Page - SYC Electronica

Part # CD4515BCWM
Description  4-Bit Latched/4-to-16 Line Decoders
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4515BCWM Datasheet(HTML) 4 Page - SYC Electronica

  CD4515BCWM Datasheet HTML 1Page - SYC Electronica CD4515BCWM Datasheet HTML 2Page - SYC Electronica CD4515BCWM Datasheet HTML 3Page - SYC Electronica CD4515BCWM Datasheet HTML 4Page - SYC Electronica CD4515BCWM Datasheet HTML 5Page - SYC Electronica CD4515BCWM Datasheet HTML 6Page - SYC Electronica CD4515BCWM Datasheet HTML 7Page - SYC Electronica CD4515BCWM Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics (Note 4)
All types CL = 50 pF, TA = 25°C, tr = tf = 20 ns unless otherwise specified
Note 4: AC Parameters are guaranteed by DC correlated testing.
Note 5: CPD determines the no load AC power consumption of any CMOS device. For complete explanation, see Family Characteristics application note,
AN-90.
Note 6: Capacitance is guaranteed by periodic testing.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tTHL, tTLH
Transition Times
VDD = 5V
100
200
ns
VDD = 10V
50
100
ns
VDD = 15V
40
80
ns
tPLH, tPHL
Propagation Delay Times
VDD = 5V
550
1100
ns
VDD = 10V
225
450
ns
VDD = 15V
150
300
ns
tPLH, tPHL
Inhibit Propagation
VDD = 5V
400
800
ns
Delay Times
VDD = 10V
150
300
ns
VDD = 15V
100
200
ns
tSU
Setup Time
VDD = 5V
125
250
ns
VDD = 10V
50
100
ns
VDD = 15V
38
75
ns
tWH
Strobe Pulse Width
VDD = 5V
175
350
ns
VDD = 10V
50
100
ns
VDD = 15V
38
75
ns
CPD
Power Dissipation Capacitance
Per Package (Note 5)
150
pF
CIN
Input Capacitance
Any Input (Note 6)
5
7.5
pF
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com