Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4515BCWM Datasheet(PDF) 3 Page - SYC Electronica

Part # CD4515BCWM
Description  4-Bit Latched/4-to-16 Line Decoders
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4515BCWM Datasheet(HTML) 3 Page - SYC Electronica

  CD4515BCWM Datasheet HTML 1Page - SYC Electronica CD4515BCWM Datasheet HTML 2Page - SYC Electronica CD4515BCWM Datasheet HTML 3Page - SYC Electronica CD4515BCWM Datasheet HTML 4Page - SYC Electronica CD4515BCWM Datasheet HTML 5Page - SYC Electronica CD4515BCWM Datasheet HTML 6Page - SYC Electronica CD4515BCWM Datasheet HTML 7Page - SYC Electronica CD4515BCWM Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions (Note 2)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. Except for “Operating Tempera-
ture Range” they are not meant to imply that the devices should be oper-
ated at these limits. The tables of “Recommended Operating Conditions”
and “Electrical Characteristics” provide conditions for actual device opera-
tion.
Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 2)
CD4514BC, CD4515BC
Note 3: IOH and IOL are tested one output at a time.
DC Supply Voltage (VDD)
−0.5V to +18V
Input Voltage (VIN)
−0.5V to V
DD + 0.5V
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
DC Supply Voltage (VDD)
3V to 15V
Input Voltage (VIN)
0V to VDD
Operating Temperature Range (TA)
CD4514BC, CD4515BC
−40°C to +85°C
Symbol
Parameter
Conditions
−40°C
+25°C
+85°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD = 5V, VIN = VDD or V SS
20
0.005
20
150
µA
Current
VDD = 10V, VIN = VDD or V SS
40
0.010
40
300
µA
VDD = 15V, VIN = VDD or V SS
80
0.015
80
600
µA
VOL
LOW Level
VIL = 0V, VIH = VDD,
Output Voltage
|IO| < 1 µA
VDD = 5V
0.05
0
0.05
0.05
V
VDD = 10V
0.05
0
0.05
0.05
V
VDD = 15V
0.05
0
0.05
0.05
V
VOH
HIGH Level
VIL = 0V, VIH = VDD,
Output Voltage
|IO| < 1 µA
VDD = 5V
4.95
4.95
5.0
4.95
V
VDD = 10V
9.95
9.95
10.0
9.95
V
VDD = 15V
14.95
14.95
15.0
14.95
V
VIL
LOW Level
|IO| < 1 µA
Input Voltage
VDD = 5V, VO = 0.5V or 4.5V
1.5
2.25
1.5
1.5
V
VDD = 10V, VO = 1.0V or 9.0V
3.0
4.50
3.0
3.0
V
VDD = 15V, VO = 1.5V or 13.5V
4.0
6.75
4.0
4.0
V
VIH
HIGH Level
|IO| < 1 µA
Input Voltage
VDD = 5V, VO = 0.5V or 4.5V
3.5
3.5
2.75
3.5
V
VDD = 10V, VO = 1.0V or 9.0V
7.0
7.0
5.50
7.0
V
VDD = 15V, VO = 1.5V or 13.5V
11.0
11.0
8.25
11.0
V
IOL
LOW Level Output
VDD = 5V, VO = 0.4V
0.52
0.44
0.88
0.36
mA
Current (Note 3)
VDD = 10V, VO = 0.5V
1.3
1.1
2.25
0.90
mA
VDD = 15V, VO = 1.5V
3.6
3.0
8.8
2.4
mA
IOH
HIGH Level Output
VDD = 5V, VO = 4.6V
−0.52
−0.44 −0.88
−0.36
mA
Current (Note 3)
VDD = 10V, VO = 9.5V
−1.3
−1.1
−2.25
−0.90
mA
VDD = 15V, VO = 13.5V
−3.6
−3.0
−8.8
−2.4
mA
IIN
Input Current
VDD = 15V, VIN = 0V
−0.3
−10−5
−0.3
−1.0
µA
VDD = 15V, VIN = 15V
0.3
10−5
0.3
1.0
µA
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com