Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSV80XTR Datasheet(PDF) 152 Page - STMicroelectronics

Part # LSM6DSV80XTR
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR Datasheet(HTML) 152 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 148Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 149Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 150Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 151Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 152Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 153Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 154Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 155Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 181 page
background image
15.19
CONTROLLER_CONFIG (14h)
Controller configuration register (R/W)
Table 442. CONTROLLER_CONFIG register
RST_CONTROLLE
R
_REGS
WRITE_
ONCE
START_
CONFIG
PASS_
THROUGH_
MODE
0(1)
CONTROLLE
R_
ON
AUX_
SENS_ON1
AUX_
SENS_ON0
1. This bit must be set to 0 for the correct operation of the device.
Table 443. CONTROLLER_CONFIG register description
RST_CONTROLLER_REGS Resets controller logic and output registers. Must be set to 1 and then set to 0. Default value: 0
WRITE_ONCE
Target 0 write operation is performed only at the first sensor hub cycle.
Default value: 0
(0: write operation for each sensor hub cycle;
1: write operation only for the first sensor hub cycle)
START_CONFIG
Sensor hub trigger signal selection. Default value: 0
(0: sensor hub trigger signal is the accelerometer/gyro data-ready;
1: sensor hub trigger signal external from INT2 pin)
PASS_THROUGH_MODE
I²C interface pass-through. Default value: 0
(0: pass-through disabled;
1: pass-through enabled, primary I²C line is short-circuited with the sensor hub line)
CONTROLLER_ON
Enables sensor hub I²C controller. Default: 0
(0: I²C controller of sensor hub disabled; 1: I²C controller of sensor hub enabled)
AUX_SENS_ON[1:0]
Number of external sensors to be read by the sensor hub.
(00: one sensor (default);
01: two sensors;
10: three sensors;
11: four sensors)
LSM6DSV80X
Sensor hub register description
DS14764 - Rev 1
page 152/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com