Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSV80XTR Datasheet(PDF) 155 Page - STMicroelectronics

Part # LSM6DSV80XTR
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR Datasheet(HTML) 155 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 151Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 152Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 153Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 154Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 155Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 156Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 157Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 158Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 181 page
background image
15.26
TGT2_ADD (1Bh)
I²C target address of the third external sensor (sensor 2) register (R/W)
Table 456. TGT2_ADD register
target2_add6
target2_add5
target2_add4
target2_add3
target2_add2
target2_add1
target2_add0
r_2
Table 457. TGT2_ADD register description
target2_add[6:0]
I²C target address of sensor 2 that can be read by the sensor hub.
r_2
Enables read operation on sensor 2. Default value: 0
(0: read operation disabled; 1: read operation enabled)
15.27
TGT2_SUBADD (1Ch)
Address of register on the third external sensor (sensor 2) register (R/W)
Table 458. TGT2_SUBADD register
target2_reg7
target2_reg6
target2_reg5
target2_reg4
target2_reg3
target2_reg2
target2_reg1
target2_reg0
Table 459. TGT2_SUBADD register description
target2_reg[7:0]
Address of register on sensor 2 that has to be read/written according to the r_2 bit value in TGT2_ADD
(1Bh).
15.28
TGT2_CONFIG (1Dh)
Third external sensor (sensor 2) configuration register (R/W)
Table 460. TGT2_CONFIG register
0(1)
0(1)
0(1)
0(1)
BATCH_EXT_
SENS_2_EN
target2_
numop2
target2_
numop1
target2_
numop0
1. This bit must be set to 0 for the correct operation of the device.
Table 461. TGT2_CONFIG register description
BATCH_EXT_SENS_2_EN
Enables FIFO data batching of third target. Default value: 0
target2_numop[2:0]
Number of read operations on sensor 2. Default value: 000
LSM6DSV80X
Sensor hub register description
DS14764 - Rev 1
page 155/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com