Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC8022D2AL Datasheet(PDF) 32 Page - Positronic.

Part # FC8022D2AL
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FC8022D2AL Datasheet(HTML) 32 Page - Positronic.

Back Button FC8022D2AL Datasheet HTML 28Page - Positronic. FC8022D2AL Datasheet HTML 29Page - Positronic. FC8022D2AL Datasheet HTML 30Page - Positronic. FC8022D2AL Datasheet HTML 31Page - Positronic. FC8022D2AL Datasheet HTML 32Page - Positronic. FC8022D2AL Datasheet HTML 33Page - Positronic. FC8022D2AL Datasheet HTML 34Page - Positronic. FC8022D2AL Datasheet HTML 35Page - Positronic. FC8022D2AL Datasheet HTML 36Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 86 page
background image
ORDERING INFORMATION - CODE NUMBERING SYSTEM
Specify Complete Connector By Selecting An Option From Step 1 Through 8
STEP 3 - CONNECTOR GENDER
M - Male
S - Female - Industrial or Military Level
PosiBand Closed Entry Signal Contacts
Professional Level female open entry contacts are
available and can be ordered separately, see page 73.
1
2
3
4
5
6
7
8
9
CBC
7W2
M
1
0
Z
0
0
/AA
10
-14
STEP 1 - BASIC SERIES
CBC Series
*2 STEP 10 - SPECIAL OPTIONS
FOR SPECIAL OPTIONS, SEE
SPECIAL OPTIONS APPENDIX
ON PAGE 81.
STEP 8 - SHELL OPTIONS
0 – Zinc Plated, with Chromate Seal.
*4 S – Stainless Steel, passivated.
X – Tin Plated.
Z – Tin Plated and Dimpled (male connectors only)
*2 STEP 6 - HOODS
0 – None
H – Hood, Top Opening, Metal, shell sizes 2 through 5
AN – Lightweight Aluminum Hood, nickel finish.
AC – Lightweight Aluminum Hood, no finish.
*3 G – Hood, EMI/RFI, Die Cast Zinc, shell sizes 1 through 6
Z – Hood, Top or Side Opening, robust extended height, plastic and com-
posite, with rotating jackscrews, shell sizes 1 through 5
*2 STEP 5 - MOUNTING STYLE
0 – Mounting Hole, 0.120 [3.05] Ø
02 – Mounting Hole, 0.154 [3.91] Ø
F – Float Mounts, Universal
S2 – Swaged Spacer, 4-40 Threads, 0.125 [3.18] Length
S5 – Swaged Locknut, 4-40 Threads
STEP 4 - CONTACT TERMINATION TYPE
0 – Connector ordered without contacts. Order signal,
power, shielded, high voltage, air and thermocouple
contacts separately. See pages 68-80 for contact
part numbers.
1 – Signal contacts, 20 AWG-24 AWG [0.5mm2-
0.25mm2].
11 – Signal contacts, 20 AWG-24 AWG [0.5mm2-
0.25mm2] with MC/FC 4012D Power Contact.
12 – Signal contacts, 20 AWG-24 AWG [0.5mm2-
0.25mm2] with MC/FC 4016D power contact.
13 – Signal contacts, 20 AWG-24 AWG [0.5mm2-
0.25mm2] with MCC/FCC 4101D shielded contacts.
14 – Signal contacts, 20 AWG-24 AWG [0.5mm2-0.25mm2]
with MCC/FCC 4102D shielded contacts.
STEP 2 - CONNECTOR VARIANTS
Shell Size 1
5W1
Shell Size 2
7W2, 11W1
Shell Size 3
9W4, 13W3, 17W2, 21W1
Shell Size 4
*113W6, 21WA4, 25W3, *1 27W2
Shell Size 5
24W7, 36W4, 43W2, 47W1
Shell Size 6
46W4
STEP
EXAMPLE
STEP 9 - ENVIRONMENTAL
COMPLIANCE OPTIONS
/AA - RoHS Compliant
*2 STEP 7 - LOCKING AND POLARIZING SYSTEMS
0
– None.
V3 – Lock Tab, connector front panel mounted.
V5 – Lock Tab, connector rear panel mounted.
VL – Lock Lever, used with Hoods only.
T
– Fixed Female Jackscrews.
T2 – Fixed Female Jackscrews.
T6 – Fixed Male and Female Polarized Jackscrews.
E
– Rotating Male Jackscrews.
E2 – Rotating Male Screw Locks.
E3 – Rotating Male with Internal Hex for 3/32 Hex Drives
E6 – Rotating Male and Female Polarized Jackscrews.
NOTE: If compliance to environmental
legislation is not required, this step will not
be used. Example: CBC7W2M10Z00
For crimping information and crimp tools,
see Application Tools section, page 82.
NOTES
*1 Connector variant 13W6 and 27W2 are currently available in female
only, contact Technical Sales for availability of male connector.
*2 For additional information on accessories listed in steps
5, 6, 7 and 10, see Accessory Catalog.
*3 When using G hood with CBC variants, use the extended height hood.
See Accessories Catalog for extended G hood options.
*4 For stainless steel dimpled male versions, contact Technical Sales.
2D Drawing
3D Model
NOTE: If you would like a 2D drawing or 3D model, once you’ve made
your connector selection, please visit www.connectpositronic.com.
If you can’t find your specific part number on our web site, contact
Technical Sales to have one created.
26
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
STANDARD DENSITY CRIMP REMOVABLE CONTACTS
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com